Electronic Components Datasheet Search
  English  ▼

X  

LM48860 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM48860
Description  LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48860 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48860 Datasheet HTML 8Page - Texas Instruments LM48860 Datasheet HTML 9Page - Texas Instruments LM48860 Datasheet HTML 10Page - Texas Instruments LM48860 Datasheet HTML 11Page - Texas Instruments LM48860 Datasheet HTML 12Page - Texas Instruments LM48860 Datasheet HTML 13Page - Texas Instruments LM48860 Datasheet HTML 14Page - Texas Instruments LM48860 Datasheet HTML 15Page - Texas Instruments LM48860 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LM48860
SNAS398D – JANUARY 2008 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
SUPPLY VOLTAGE SEQUENCING
It is a good general practice to first apply the supply voltage to a CMOS device before any other signal or supply
on other pins. This is also true for the LM48860 audio amplifier which is a CMOS device.
Before applying any signal to the inputs or shutdown pins of the LM48860, it is important to apply a supply
voltage to the VDD pins. After the device has been powered, signals may be applied to the shutdown pins (see
MICRO POWER SHUTDOWN) and input pins.
ELIMINATING THE OUTPUT COUPLING CAPACITOR
The LM48860 features a low noise inverting charge pump that generates an internal negative supply voltage.
This allows the outputs of the LM48860 to be biased about GND instead of a nominal DC voltage, like traditional
headphone amplifiers. Because there is no DC component, the large DC blocking capacitors (typically 220µF)
are not necessary. The coupling capacitors are replaced by two, small ceramic charge pump capacitors, saving
board space and cost.
Eliminating the output coupling capacitors also improves low frequency response. In traditional headphone
amplifiers, the headphone impedance and the output capacitor form a high pass filter that not only blocks the DC
component of the output, but also attenuates low frequencies, impacting the bass response. Because the
LM48860 does not require the output coupling capacitors, the low frequency response of the device is not
degraded by external components.
In addition to eliminating the output coupling capacitors, the ground referenced output nearly doubles the
available dynamic range of the LM48860 when compared to a traditional headphone amplifier operating from the
same supply voltage.
OUTPUT TRANSIENT ('CLICK AND POPS') ELIMINATED
The LM48860 contains advanced circuitry that virtually eliminates output transients ('clicks and pops'). This
circuitry prevents all traces of transients when the supply voltage is first applied or when the part resumes
operation after coming out of shutdown mode.
AMPLIFIER CONFIGURATION EXPLANATION
As shown in Figure 1, the LM48860 has two internal operational amplifiers. The two amplifiers have internally
configured gain.
Since this is an output ground-referenced amplifier, the LM48860 does not require output coupling capacitors.
POWER DISSIPATION
From the graph (THD+N vs Output Power , VDD = 3V, RL = 16Ω, f = 1kHz, 22kH BW, two channels in phase,
page 6) assuming a 3V power supply and a 16
Ω load, the maximum power dissipation point and thus the
maximum package dissipation point is 281mW. The maximum power dissipation point obtained must not be
greater than the power dissipation that results from Equation 1.
PDMAX = (TJMAX - TA) / (θJA)
(1)
For the DSBGA package
θ JA = 59.3°C/W. TJMAX = 150°C for the LM48860. Depending on the ambient
temperature, TA, of the system surroundings, Equation 1 can be used to find the maximum internal power
dissipation supported by the IC packaging. If the maximum power dissipation from the graph is greater than that
of Equation 1, then either the supply voltage must be decreased, the load impedance increased or TA reduced
(see power derating curves). For the application of a 5V power supply, with a 16
Ω load, the maximum ambient
temperature possible without violating the maximum junction temperature is approximately 110°C provided that
device operation is around the maximum power dissipation point. Power dissipation is a function of output power
and thus, if typical operation is not around the maximum power dissipation point, the ambient temperature may
be increased accordingly.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com