Electronic Components Datasheet Search
  English  ▼

X  

LM5116 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5116
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116 Datasheet(HTML) 2 Page - Texas Instruments

  LM5116 Datasheet HTML 1Page - Texas Instruments LM5116 Datasheet HTML 2Page - Texas Instruments LM5116 Datasheet HTML 3Page - Texas Instruments LM5116 Datasheet HTML 4Page - Texas Instruments LM5116 Datasheet HTML 5Page - Texas Instruments LM5116 Datasheet HTML 6Page - Texas Instruments LM5116 Datasheet HTML 7Page - Texas Instruments LM5116 Datasheet HTML 8Page - Texas Instruments LM5116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
CS
VOUT
FB
COMP
RAMP
AGND
SS
RT/ SYNC
VCC
LO
PGND
SW
HO
HB
VIN
DEMB
UVLO
VCCX
EN
CSG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
FB
VIN
VCC
RT/ SYNC
HB
EN
L
LM5116
COMP
AGND
CSG
RAMP
SS
CS
PGND
LO
VOUT
HO
SW
UVLO
VCCX
DEMB
CSYNC
C VCC
VIN
CHB
COUT
VOUT
RFB2
RS
C RAMP
CSS
CHF
R T
CCOMP
RCOMP
RUV1
RUV2
VIN
CIN
RFB1
LM5116-HT
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TJ
PACKAGE
PART NUMBER
TOP-SIDE MARKING
–55°C to 175°C
JD
LM5116HJD
LM5116HJD
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Typical Application
Connection Diagram
JD PACKAGE
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com