Electronic Components Datasheet Search
  English  ▼

X  

LM5116 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5116
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5116 Datasheet HTML 8Page - Texas Instruments LM5116 Datasheet HTML 9Page - Texas Instruments LM5116 Datasheet HTML 10Page - Texas Instruments LM5116 Datasheet HTML 11Page - Texas Instruments LM5116 Datasheet HTML 12Page - Texas Instruments LM5116 Datasheet HTML 13Page - Texas Instruments LM5116 Datasheet HTML 14Page - Texas Instruments LM5116 Datasheet HTML 15Page - Texas Instruments LM5116 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
FB
VIN
VCC
REGULATOR
DRIVER
HB
ADAPTIVE
TIMER
EN
UVLO
UVLO
ERROR
AMP
DIS
COMP
CLK
S
R
Q
Q
OSCILLATOR
AGND
CLK
CSG
RAMP GENERATOR
+
SLEEP
MODE
SHUTDOWN
PWM
CURRENT
LIMIT
RAMP
SS
VIN
10 x RS V/A
5 2A
1V
10 2A
CS
DRIVER
PGND
LO
VOUT
HO
SW
1
2
3
4
5
14
6
15
10
13
12
20
19
18
+
-
4.5V
17
HICCUP FAULT TIMER
256 CLOCK CYCLES
UVLO
LOGIC
STANDBY
UVLO
7
8
9
16
VCCX
RT
A =10
VCC
DEMB
11
TRACK
SAMPLE
and
HOLD
CLK
DIODE
EMULATION
CONTROL
SS
SW
THERMAL
SHUTDOWN
3V
VCCX
EN
SYNC
1.215 V
CCOMP
RCOMP
CHF
1
0.5V
RS
CSNUB
VOUT
R SNUB
COUT
Q2
Q1
L1
RFB1
RFB2
IR
D1
C VCC
CVCCX
VIN
CHB
RT/SYNC
CRAMP
CSYNC
1.215V
7. 4 V
LM 5116
REN
RUV2
RUV1
CIN
CFT
CSS
VIN
6V -100V
D2
IR = 52A
( VIN - VOUT ) + 252A
V x
/
.6V
LM5116-HT
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
www.ti.com
Block Diagram and Typical Application Circuit
Figure 2. Typical Application
Detailed Operating Description
The LM5116 high voltage switching regulator features all of the functions necessary to implement an efficient
high voltage buck regulator using a minimum of external components. This easy to use regulator integrates high-
side and low-side MOSFET drivers capable of supplying peak currents of 2 A. The regulator control method is
based on current mode control utilizing an emulated current ramp. Emulated peak current mode control provides
inherent line feed-forward, cycle by cycle current limiting and ease of loop compensation. The use of an
emulated control ramp reduces noise sensitivity of the pulse-width modulation circuit, allowing reliable processing
of the very small duty cycles necessary in high input voltage applications. The operating frequency is user
programmable from 50 kHz to 1 MHz. An oscillator/synchronization pin allows the operating frequency to be set
by a single resistor or synchronized to an external clock. Fault protection features include current limiting, thermal
shutdown and remote shutdown capability. An under-voltage lockout input allows regulator shutdown when the
input voltage is below a user selected threshold, and an enable function will put the regulator into an extremely
low current shutdown via the enable input.
High Voltage Start-Up Regulator
The LM5116 contains a dual mode internal high voltage startup regulator that provides the VCC bias supply for
the PWM controller and a boot-strap gate drive for the high-side buck MOSFET. The input pin (VIN) can be
connected directly to an input voltage source as high as 100 V. For input voltages below 10.6 V, a low dropout
switch connects VCC directly to VIN. In this supply range, VCC is approximately equal to VIN. For VIN voltages
greater than 10.6 V, the low dropout switch is disabled and the VCC regulator is enabled to maintain VCC at
approximately 7.4 V. The wide operating range of 6 V to 80 V is achieved through the use of this dual mode
regulator.
12
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com