Electronic Components Datasheet Search
  English  ▼

X  

LM9036 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM9036
Description  LM9036 Ultra-Low Quiescent Current Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM9036 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM9036 Datasheet HTML 8Page - Texas Instruments LM9036 Datasheet HTML 9Page - Texas Instruments LM9036 Datasheet HTML 10Page - Texas Instruments LM9036 Datasheet HTML 11Page - Texas Instruments LM9036 Datasheet HTML 12Page - Texas Instruments LM9036 Datasheet HTML 13Page - Texas Instruments LM9036 Datasheet HTML 14Page - Texas Instruments LM9036 Datasheet HTML 15Page - Texas Instruments LM9036 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.ti.com
PACKAGE OUTLINE
C
10.42
9.40
6.73
6.35
6.22
5.97
1.27
0.88
5.46
4.96
2.285
4.57
1.02
0.64
3X
0.88
0.64
2.55 MAX
0.88
0.46
8
8
1.14
0.89
0.60
0.46
0.17
0.51 MIN
4.32 MIN
(2.345)
(2.5)
TO-252 - 2.55 mm max height
NDP0003B
TRANSISTOR OUTLINE
4219870/A 03/2018
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration TO-252.
0.25
C A B
TOP & BOTTOM
PKG
1
2
3
OPTIONAL
SEATING PLANE
4
3
2
1
SCALE 1.500
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com