Electronic Components Datasheet Search
  English  ▼

X  

LM9036 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM9036
Description  LM9036 Ultra-Low Quiescent Current Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM9036 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM9036 Datasheet HTML 9Page - Texas Instruments LM9036 Datasheet HTML 10Page - Texas Instruments LM9036 Datasheet HTML 11Page - Texas Instruments LM9036 Datasheet HTML 12Page - Texas Instruments LM9036 Datasheet HTML 13Page - Texas Instruments LM9036 Datasheet HTML 14Page - Texas Instruments LM9036 Datasheet HTML 15Page - Texas Instruments LM9036 Datasheet HTML 16Page - Texas Instruments LM9036 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
(4.57)
2X (1.3)
2X (2.15)
(5.7)
(5.5)
(2.285)
(4.38)
(R0.05) TYP
TO-252 - 2.55 mm max height
NDP0003B
TRANSISTOR OUTLINE
4219870/A 03/2018
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature numbers
SLMA002(www.ti.com/lit/slm002) and SLMA004 (www.ti.com/lit/slma004).
5. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled, plugged or tented.
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 8X
SYMM
PKG
1
3
4
SEE SOLDER MASK
DETAIL
EXPOSED
METAL
METAL EDGE
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAIL
EXPOSED
METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
SOLDER MASK DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com