Electronic Components Datasheet Search
  English  ▼

X  

13680 Datasheet(PDF) 2 Page - Multicomp Pro

Part # 13680
Description  Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

13680 Datasheet(HTML) 2 Page - Multicomp Pro

  13680 Datasheet HTML 1Page - Multicomp Pro 13680 Datasheet HTML 2Page - Multicomp Pro 13680 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
23/06/22
Normal Wall, Flexible
Halogen-Free Polyolefin Heat Shrink Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Size
As supplied
After Recovery
Inch
mm
Internal diameter
(mm)
Wall thickness
(mm)
Internal diameter
Max(mm)
Wall thickness
Nom(mm)
1/4
6.4
6.5 ±0.2
0.28 ±0.05
3
0.56 ±0.1
3/8
9.5
9.5 ±0.3
0.3 ±0.08
4.5
0.56 ±0.1
1/2
12.7
12.5 ±0.3
0.3 ±0.08
6
0.56 ±0.1
3/4
19
19 ±0.5
0.35 ±0.1
9
0.7 ±0.1
1
25.4
26 ±0.5
0.45 ±0.12
12.5
0.9 ±0.15
1-1/2
38.1
41.5 ±1
0.5 ±0.12
20
1 ±0.15
2
50.8
≥50
0.5 ±0.15
25
1.1 ±0.2
Part Number Table
Description
Reel
Length
Part
Number
Heatshrink Tubing Normal Wall 2:1 Black 1.6mm
100m
13633
Heatshrink Tubing Normal Wall 2:1 Black 2.4mm
100m
13634
Heatshrink Tubing Normal Wall 2:1 Black 3.2mm
100m
13635
Heatshrink Tubing Normal Wall 2:1 Black 4.8mm
100m
13636
Heatshrink Tubing Normal Wall 2:1 Black 6.4mm
100m
13637
Heatshrink Tubing Normal Wall 2:1 Black 9.5mm
100m
13638
Heatshrink Tubing Normal Wall 2:1 Black 12.7mm
100m
13639
Heatshrink Tubing Normal Wall 2:1 Black 19mm
100m
13640
Heatshrink Tubing Normal Wall 2:1 Black 25.4mm
50m
13641
Heatshrink Tubing Normal Wall 2:1 Black 38.1mm
50m
13642
Heatshrink Tubing Normal Wall 2:1 Black 50.8mm
25m
13643
Heatshrink Tubing Normal Wall 2:1 Black 1.6mm
5m
13644
Heatshrink Tubing Normal Wall 2:1 Black 2.4mm
5m
13645
Heatshrink Tubing Normal Wall 2:1 Black 3.2mm
5m
13646
Heatshrink Tubing Normal Wall 2:1 Black 4.8mm
5m
13647
Heatshrink Tubing Normal Wall 2:1 Black 6.4mm
5m
13648
Heatshrink Tubing Normal Wall 2:1 Black 9.5mm
5m
13649
Heatshrink Tubing Normal Wall 2:1 Black 12.7mm
5m
13650
Heatshrink Tubing Normal Wall 2:1 Black 19mm
5m
13651
Heatshrink Tubing Normal Wall 2:1 Black 25.4mm
5m
13652
Heatshrink Tubing Normal Wall 2:1 Black 38.1mm
5m
13653
Heatshrink Tubing Normal Wall 2:1 Black 50.8mm
5m
13654
Heatshrink Tubing Normal Wall 2:1 Red 1.6mm
100m
13666
Heatshrink Tubing Normal Wall 2:1 Red 2.4mm
100m
13667
Heatshrink Tubing Normal Wall 2:1 Red 3.2mm
100m
13668
Heatshrink Tubing Normal Wall 2:1 Red 4.8mm
100m
13669
Heatshrink Tubing Normal Wall 2:1 Red 6.4mm
100m
13670
Heatshrink Tubing Normal Wall 2:1 Red 9.5mm
100m
13671
Heatshrink Tubing Normal Wall 2:1 Red 12.7mm
100m
13672
Description
Reel
Length
Part
Number
Heatshrink Tubing Normal Wall 2:1 Red 19mm
100m
13673
Heatshrink Tubing Normal Wall 2:1 Red 25.4mm
50m
13674
Heatshrink Tubing Normal Wall 2:1 Red 38.1mm
50m
13675
Heatshrink Tubing Normal Wall 2:1 Red 50.8mm
25m
13676
Heatshrink Tubing Normal Wall 2:1 Red 1.6mm
5m
15045
Heatshrink Tubing Normal Wall 2:1 Red 2.4mm
5m
15046
Heatshrink Tubing Normal Wall 2:1 Red 3.2mm
5m
15047
Heatshrink Tubing Normal Wall 2:1 Red 4.8mm
5m
15048
Heatshrink Tubing Normal Wall 2:1 Red 6.4mm
5m
15049
Heatshrink Tubing Normal Wall 2:1 Red 9.5mm
5m
15050
Heatshrink Tubing Normal Wall 2:1 Red 12.7mm
5m
15051
Heatshrink Tubing Normal Wall 2:1 Red 19mm
5m
15052
Heatshrink Tubing Normal Wall 2:1 Red 25.4mm
5m
15053
Heatshrink Tubing Normal Wall 2:1 Red 38.1mm
5m
15054
Heatshrink Tubing Normal Wall 2:1 Red 50.8mm
5m
15055
Heatshrink Tubing Normal Wall 2:1 Yellow 2.4mm
100m
13678
Heatshrink Tubing Normal Wall 2:1 Yellow 3.2mm
100m
13679
Heatshrink Tubing Normal Wall 2:1 Yellow 4.8mm
100m
13680
Heatshrink Tubing Normal Wall 2:1 Yellow 6.4mm
100m
13681
Heatshrink Tubing Normal Wall 2:1 Yellow 9.5mm
100m
13682
Heatshrink Tubing Normal Wall 2:1 Yellow 12.7mm
100m
13683
Heatshrink Tubing Normal Wall 2:1 Yellow 19mm
100m
13684
Heatshrink Tubing Normal Wall 2:1 Yellow 25.4mm
50m
13685
Heatshrink Tubing Normal Wall 2:1 Yellow 38.1mm
50m
13686
Heatshrink Tubing Normal Wall 2:1 Yellow 50.8mm
25m
13687
Heatshrink Tubing Normal Wall 2:1 Yellow 1.6mm
5m
15056
Heatshrink Tubing Normal Wall 2:1 Yellow 2.4mm
5m
15057
Heatshrink Tubing Normal Wall 2:1 Yellow 3.2mm
5m
15058
Heatshrink Tubing Normal Wall 2:1 Yellow 4.8mm
5m
15059



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com