Electronic Components Datasheet Search
  English  ▼

X  

13680 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 13680
Description  Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

13680 Datasheet(HTML) 1 Page - Multicomp Pro

  13680 Datasheet HTML 1Page - Multicomp Pro 13680 Datasheet HTML 2Page - Multicomp Pro 13680 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
23/06/22
Normal Wall, Flexible
Halogen-Free Polyolefin Heat Shrink Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Characteristics:
•  Halogen Free
•  Operating temperature -55°C to +125°C
•   Min. shrink temperature 70°C 
Full recovery temperature: 120°C
•  Shrink Ratio 2:1
•  Meets Sony-SS-00259
•  Standard Colours: Black, Red, Yellow, White, Blue, Brown
Applications
The heat shrink tubing is manufactured with modified radiation cross-linked polyolefin. The 
specially designed halogen free formulation makes the tubing very flexible and shrink at lower 
temperature. Suitable for applications where temperature sensitive components protection, 
e.g. PVC jacketed wire and cable and quick shrinkage is required. It has good mechanical and 
electrical performances.
Technical Data:
Property
Test Method
Standard Value
Tensile Strength
ASTM D2671
≥10.4 Mpa
Ultimate Elongation
ASTM D2671
≥200%
Longitudinal Shrinkage
UL 224
±5%
Heat Aging 
Tensile Strength 
Ultimate Elongation
158°C, 168hrs
≥7.3 Mpa
≥100%
Heat shock
250°C, 4hrs
No cracking, No dripping
Flammability
FMVSS302
Pass
Dielectric Strength
ASTM D150
≥15 kV/mm
Volume Resistivity
ASTM D2671
≥1x1014    Ωcm
Copper Stability
UL224
Pass
Copper Corrosion
UL224
No corrosion
Product Dimensions:
Size
As supplied
After Recovery
Inch
mm
Internal diameter
(mm)
Wall thickness
(mm)
Internal diameter
Max(mm)
Wall thickness
Nom(mm)
1/16
1.6
1.5 ±0.2
0.2 ±0.05
0.65
0.36 ±0.1
3/32
2.4
2.5 ±0.2
0.2 ±0.05
1
0.45 ±0.1
1/8
3.2
3.5 ±0.2
0.2 ±0.05
1.5
0.45 ±0.1
3/16
4.8
5 ±0.2
0.28 ±0.05
2.3
0.56 ±0.1


Similar Part No. - 13680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13680 ETC1-13680 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Pro-Power
13680 PROPOWER-13680 Datasheet
311Kb / 5P
2:1 Normal Wall Heatshrink Tubing
V1.1 09/03/20
logo
PHOENIX CONTACT
1368024 PHOENIX-1368024 Datasheet
295Kb / 11P
PTV 6-FE - Feed-through terminal block
1368034 PHOENIX-1368034 Datasheet
531Kb / 12P
SPC 4/ 5-STL4-6,35 - PCB connector
logo
Weidmuller
1368040000 WEIDMULLER-1368040000 Datasheet
349Kb / 7P
BLZP 5.08HC/12/90 SN OR BX PRT
More results

Similar Description - 13680

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
13633 ETC1-13633 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Qualtek Electronics Cor...
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com