Electronic Components Datasheet Search
  English  ▼

X  

P-321-LAB Datasheet(PDF) 7 Page - Cinch Connectivity Solutions, Inc.

Part # P-321-LAB
Description  [.050” (1.27mm) Density Solder Cup/Wire D-Microminiature] Multiple Density Solder Eyelet With Angle Bracket/Less Angle Bracket
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCH [Cinch Connectivity Solutions, Inc.]
Direct Link  https://www.cinch.com/
Logo CINCH - Cinch Connectivity Solutions, Inc.

P-321-LAB Datasheet(HTML) 7 Page - Cinch Connectivity Solutions, Inc.

  P-321-LAB Datasheet HTML 1Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 2Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 3Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 4Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 5Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 6Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 7Page - Cinch Connectivity Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
Jones
Plugs/Sockets
Series 2400
Panel Cutout Dimensions
2-57
Panel Cutout Dimensions
Angle Bracket
AB
C
Reference
in
mm
in
mm
in
mm
P-2402-AB
--
--
--
--
--
--
S-2402-AB
1.188
30.16
1.008
25.60
1.015
25.78
P-2404-AB
S-2404-AB
1.625
41.28
1.445
36.70
1.015
25.78
P-2406-AB
S-2406-AB
2.063
52.40
1.886
47.83
1.015
25.78
P-2408-AB
S-2408-AB
2.500
63.50
2.320
58.93
1.015
25.78
P-2410-AB
S-2410-AB
2.938
74.63
2.758
70.05
1.015
25.78
P-2412-AB
S-2412-AB
3.375
85.73
3.195
81.15
1.015
25.78
Panel Cutout Dimensions
Shallow Bracket
AB
C
Reference
in
mm
in
mm
in
mm
P-2402-SB
S-2402-SB
1.062
27.00
.813
20.64
1.156
29.37
P-2404-SB
S-2404-SB
1.500
38.10
1.250
31.75
1.156
29.37
P-2406-SB
S-2406-SB
1.938
49.22
1.688
42.86
1.156
29.37
P-2408-SB
S-2408-SB
2.376
60.34
2.125
53.98
1.156
29.37
P-2410-SB
S-2410-SB
2.812
71.44
2.563
65.10
1.156
29.37
P-2412-SB
S-2412-SB
3.250
82.56
3.000
76.20
1.156
29.37
Panel Cutout Dimensions
Deep Bracket
AB
C
Reference
in
mm
in
mm
in
mm
P-2402-DB
S-2402-DB
1.312
33.34
.938
23.81
1.438
36.51
P-2404-DB
S-2404-DB
1.750
44.46
1.375
34.93
1.438
36.51
P-2406-DB
S-2406-DB
2.188
55.56
1.813
46.04
1.438
36.51
P-2408-DB
S-2408-DB
2.624
66.68
2.250
57.15
1.438
36.51
P-2410-DB
P-2410-DB
3.062
77.80
2.688
68.28
1.438
36.51
P-2412-DB
S-2412-DB
3.500
88.90
3.125
79.38
1.438
36.51
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com