Electronic Components Datasheet Search
  English  ▼

X  

P-321-LAB Datasheet(PDF) 4 Page - Cinch Connectivity Solutions, Inc.

Part # P-321-LAB
Description  [.050” (1.27mm) Density Solder Cup/Wire D-Microminiature] Multiple Density Solder Eyelet With Angle Bracket/Less Angle Bracket
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCH [Cinch Connectivity Solutions, Inc.]
Direct Link  https://www.cinch.com/
Logo CINCH - Cinch Connectivity Solutions, Inc.

P-321-LAB Datasheet(HTML) 4 Page - Cinch Connectivity Solutions, Inc.

  P-321-LAB Datasheet HTML 1Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 2Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 3Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 4Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 5Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 6Page - Cinch Connectivity Solutions, Inc. P-321-LAB Datasheet HTML 7Page - Cinch Connectivity Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2-47
Call Toll Free: 1 (800) 323-9612
2
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet
180° Clamp w/Locks
300 Series Plug with Hood and Lock (CCT-L) and Socket with Hood and Keeper (CCT-K)
No. of
Catalog No.
Catalog No.
Contacts
Plug w/ Lock Socket w/ Keeper
2
P-302-CCT-L
S-302-CCT-K
3
P-303-CCT-L
S-303-CCT-K
4
P-304-CCT-L
S-304-CCT-K
6
P-306-CCT-L
S-306-CCT-K
8
N/A
N/A
10
P-310-CCT-L
N/A
12
P-312-CCT-L
N/A
15
P-315-CCT-L
S-315-CCT-K
18
P-318-CCT-L
S-318-CCT-K
21
P-321-CCT-L
S-321-CCT-K
24
P-324-CCT-L
S-324-CCT-K
27
P-327-CCT-L
S-327-CCT-K
30
P-330-CCT-L
S-330-CCT-K
33
P-333-CCT-L
S-333-CCT-K
Dimensions
A ±.016
B ±.016
C ±.031
F
“D” Cable
No. of
(.41mm)
(.41mm)
(.79mm)
Opening
Polarizing
Contacts
in
mm
in
mm
in
mm
in
mm
in
mm
Pin
2
.691
17.5
-
-
.953
24.21
.359
9.12
.375
9.53
--
3
1.034
26.26
.472
11.99
.953
24.21
.359
9.12
.313
7.94
--
4
.786
19.96
.724
18.39
.953
24.21
.469
11.91
.375
9.53
--
6
1.036
26.31
.724
18.39
1.078
27.38
.484
12.29
.438
11.13
--
8
--
--
----
----
--
--
--
--
--
10
1.592
40.44
.720
18.29
1.203
30.56
.500
12.70
.500
12.70
--
12
1.286
32.66
.974
24.74
1.203
30.56
.469
11.91
.563
14.30
--
15
1.795
45.59
1.100
27.94
1.850
46.99
.712
18.08
.563
14.30
NO
18
2.107
53.52
1.100
27.94
1.850
46.99
.712
18.08
.563
14.30
NO
21
2.420
61.47
1.100
27.94
1.850
46.99
.712
18.08
.625
15.88
NO
24
2.732
69.39
1.100
27.94
1.850
46.99
.712
18.08
.625
15.88
14
27
3.045
77.34
1.100
27.94
1.850
46.99
.712
18.08
.625
15.88
14
30
3.357
85.27
1.100
27.94
1.850
46.99
.712
18.08
.750
19.05
14
33
3.670
93.22
1.100
27.94
1.850
46.99
.712
18.08
.750
19.05
17
Marketed exclusively through distribution.
Socket
Plug



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com