Electronic Components Datasheet Search
  English  ▼

X  

CPF Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # CPF
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CPF Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button CPF Datasheet HTML 2Page - TE Connectivity Ltd CPF Datasheet HTML 3Page - TE Connectivity Ltd CPF Datasheet HTML 4Page - TE Connectivity Ltd CPF Datasheet HTML 5Page - TE Connectivity Ltd CPF Datasheet HTML 6Page - TE Connectivity Ltd CPF Datasheet HTML 7Page - TE Connectivity Ltd CPF Datasheet HTML 8Page - TE Connectivity Ltd CPF Datasheet HTML 9Page - TE Connectivity Ltd CPF Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Product Type
Open Frame
Open Frame
Open Frame
Open Frame
Open Frame
3121
3130
3135
3142
3150 / 3165
Features
Board Area - 2.2mm x 2.75mm Board Area - 3.75mm x 3mm
3mm Square Nominal
4mm Square Nominal
4mm Square Nominal
Height 1.8mm
Height 1.85mm Max.
Height 1.2mm Max.
Height 2.4mm
Lightweight - 0.2 Grams
200R to 1M Value Range
100R to 1M Value Range
100R to 1M Value Range
100R to 1M Value Range
100R to 1M Value Range
25% Tolerance
Auto Adjust Version
Delta Terminals
Delta Terminals
In-line or Delta Terminals
50V DC Operating Voltage
50V DC Operating Voltage
Integrated End Stop
50V DC Operating Voltage
Underside Adjust Version
Product Type
Sealed
Sealed
Sealed
Multiturn
Multiturn
3212
3213
3315
3240
3270
Features
Board Area - 2.4mm x 2.8mm
Board Area - 3.4mm x 3.4mm
Board Area - 5mm x 5mm
4mm Square Nominal
6mm Square Nominal
Height 1.7mm
Height 2.0mm
Height 2.5mm
Top and Side Adjust Styles
Top and Side Adjust Styles
100R to 1M0 Value Range
10R to 1M0 Value Range
10R to 2M Value Range
10R to 2M Value Range
10R to 1M Value Range
20% Tolerance
20% Tolerance
20% Tolerance
10% Tolerance
10% Tolerance
O-ring Sealed
O-ring Sealed
O-ring Sealed
11 Turns
12 Turns
Product Type
Semi Sealed
Semi Sealed
Semi Sealed
3103
3203
3204
Features
Board Area - 3.6mm x 3.1mm Board Area - 3.4mm x 3.4mm
Board Area - 4mm x 4.5mm
Height < 1.8mm
Height < 2.1mm
Height 2.4mm
500R to 1M Value Range
100R to 1M Value Range
100R to 1M Value Range
0.05W Dissipation @ 50°C
0.05W Dissipation
0.1W Dissipation
Sealed for Processing
Sealed for Processing
Sealed for Processing
Passive Components
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
6
Resistive Products, Trimmers - Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com