Electronic Components Datasheet Search
  English  ▼

X  

CPF Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # CPF
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CPF Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button CPF Datasheet HTML 5Page - TE Connectivity Ltd CPF Datasheet HTML 6Page - TE Connectivity Ltd CPF Datasheet HTML 7Page - TE Connectivity Ltd CPF Datasheet HTML 8Page - TE Connectivity Ltd CPF Datasheet HTML 9Page - TE Connectivity Ltd CPF Datasheet HTML 10Page - TE Connectivity Ltd CPF Datasheet HTML 11Page - TE Connectivity Ltd CPF Datasheet HTML 12Page - TE Connectivity Ltd CPF Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Product Type
Temperature Sense
Temperature Sense
Temperature Sense
PTC Thermistor
8158
NTC
LT73
LT
Features
0402 to 1206 Package Sizes
0603 and 0805 Case Size
0805 and 1206 Package Styles
Axial Leaded
40R to 500K Value Range
100R to 150K Value Range
510R to 6K2 Value Range
0.16W or 0.25W
Tolerances down to 5%
5% or 10% Tolerance
5% Tolerance
Wide Temperature Range
ß Values - 2800 to 4350 (NTC)
ß Values -2700 to 4100
TCR 3900ppm/°C max (PTC)
Values from 10R to 10K
ß Value Tolerances down to 1%
5% Tolerance on B Value
Operating Temp. -40°C to 150°C
Insulated Package Style
9
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
Passive Components
Encoders - Leaded
Product Type
Contact Encoder
Contact Encoder
Contact Encoder
DP(S) 9
DP(S) 12
DP(S) 15
Features
9mm Square
12mm Square
12mm Square
Switch / Detent Options
Switch / Detent Options
Switch / Detent Options
Vertical / Horizontal Mounting
Vertical / Horizontal Mounting
Vertical / Horizontal Mounting
Various Shaft Configurations
Various Shaft Configurations
Various Shaft Configurations
12 / 24 Pulses
12 / 24 Pulses
12 / 24 Pulse
Resistive Products, Thermistors and Varistors
Encoders - Leaded, with Illuminated Shaft
Product Type
Contact Encoder with LED
DPSL 12
Features
Integrated Colour LED's (Yellow / Blue / Red / Orange / Green)
Switch / Detent Options
Vertical / Horizontal Mounting
Various Shaft Configurations
12 / 24 Pulses - 5V 0.5mA Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com