Electronic Components Datasheet Search
  English  ▼

X  

LMP92018 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP92018 Datasheet(HTML) 5 Page - Texas Instruments

  LMP92018 Datasheet HTML 1Page - Texas Instruments LMP92018 Datasheet HTML 2Page - Texas Instruments LMP92018 Datasheet HTML 3Page - Texas Instruments LMP92018 Datasheet HTML 4Page - Texas Instruments LMP92018 Datasheet HTML 5Page - Texas Instruments LMP92018 Datasheet HTML 6Page - Texas Instruments LMP92018 Datasheet HTML 7Page - Texas Instruments LMP92018 Datasheet HTML 8Page - Texas Instruments LMP92018 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ESD+
ESD+
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
PIN DESCRIPTIONS (continued)
Name
Pin
Function
ESD Structures
OUT[3:0]
10:13
Analog output
DOUT
9
SPI Data Output
General Purpose Digital I/O. Logic level
GPIO[11:0]
15:18; 20:27
is referenced to VGPIO pin.
CSB
6
SPI Chip Select, Active LO
SCLK
7
SPI Data Clock
DIN
8
SPI Data Input
DRBYB
19
Data Ready, open-drain active LO
ADC/DAC Voltage Reference Input or
REF
36
Output
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VDD Relative to GND
−0.3V to 6.0V
VIO Relative to GND
−0.3V to VDD
VGPIO Relative to GND
−0.3V to VDD
Voltage between any 2 pins(4)
6.0V
Current in or out of any pin(4)
5mA
32mA, TA = 125°C
Current through VDD
44mA, TA = 85°C
Current through VGPIO
20mA, TA = 125°C
54mA, TA = 125°C
Current through GND
66mA, TA = 85°C
Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Human Body Model
2500V
ESD Susceptibility(5)
Machine Model
200V
Charged Device Model
1500V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
When the input voltage (VIN) at any pin exceeds power supplies (VIN < GND or VIN > VDD), the current at that pin must not exceed
5mA, and the voltage (VIN) at that pin relative to any other pin must not exceed 6.0V. See Pin Descriptions for additional details of input
circuit structures.
(5)
The Human Body Model (HBM) is a 100 pF capacitor charged to the specified voltage then discharged through a 1.5k
Ω resistor into
each pin. The Machine Model (MM) is a 200 pF capacitor charged to specified voltage then discharged directly into each pin. The
Charged Device Model (CDM) is a specified circuit characterizing an ESD event that occurs when a device acquires charge through
some triboelectric (frictional) or electrostatic induction process and then abruptly touches a grounded object or surface.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com