Electronic Components Datasheet Search
  English  ▼

X  

LMP92018 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP92018 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 3Page - Texas Instruments LMP92018 Datasheet HTML 4Page - Texas Instruments LMP92018 Datasheet HTML 5Page - Texas Instruments LMP92018 Datasheet HTML 6Page - Texas Instruments LMP92018 Datasheet HTML 7Page - Texas Instruments LMP92018 Datasheet HTML 8Page - Texas Instruments LMP92018 Datasheet HTML 9Page - Texas Instruments LMP92018 Datasheet HTML 10Page - Texas Instruments LMP92018 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD=4.75V to 5.25V, REF=VDD, TA=25°C. Boldface limits are over
the temperature range of
−30°C ≤ TA ≤ 85°C unless otherwise noted. DAC input code range 12 to 1012. DAC output
CL = 200 pF unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOUT = 200 µA
4.975
FSO
Full Scale Output at code 3FFh
IOUT = 1mA
4.975
V
RL = 100k
4.975
Output Short Circuit Current
VDD = 5V, OUT = 0V,
IOS
−67
(Source)(4)
Input Code =3 FFh
Output Short Circuit Current
VDD = 5V, OUT = DREF,
IOS
76
mA
(Sink)(4)
Input Code = 000h
TA = 85° C
10
Continuous Output Current per
IO
Channel (to prevent damage)
TA = 125° C
6.5
CL
Maximum Load Capacitance
RL = 2k or ∞
1000
pF
Enabled
1.7
Ω
ROUT
DC Output Impedance
Disabled
>20
M
Ω
ANALOG INPUT CHARACTERISTICS
VIN
FS Input Range
REF
V
ILEAK
ADC in HOLD or Power Down
−1
+1
µA
In Acquisition mode
33
CINA
Input Capacitance
pF
In Conversion mode
3
REFERENCE CHARACTERISTICS
ADC Reference Input Range
2.5
VDD
V
DAC Reference Input Range
2.5
VDD
DAC Reference Input Resistance
50
k
Ω
DAC Reference Input Current
125
µA
ADC Reference Current, during
IVREF(ADC)
External Reference, REF = VDD
1
µA
conversion, average value
IVREF(PD)
REF pin Current in Powerdown
10
µA
REF Output Voltage
2.5
V
Internal Reference Tolerance
–0.15
0.15
%
REF Output Temperature Drift
17
ppm/°C
REF Output Maximum Current
1
mA
REF Output Load Regulation
–0.6
%
REF Output Rail Regulation
4.75V
≤VDD≤5.25V
±0.04
%
TEMPERATURE SENSOR
Resolution
0.0625
°C
Temperature Error(5)
−40°C to +125°C
−2.5
+2.5
°C
DIGITAL INPUT CHARACTERISTICS (GPIO[11:0])
VIH
Input HIGH Voltage
0.7x VGPIO
V
0.3x
VIL
Input LO Voltage
VGPIO
Hysteresis
250
mV
IIND
Digital Input Current
±0.005
±1
µA
CIND
Input Capacitance
4
pF
(4)
Indicates the typical internal short circuit current limit. Sustained operation at this level will lead to device damage.
(5)
Device Specification is guaranteed by characterization and is not tested in production.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com