Electronic Components Datasheet Search
  English  ▼

X  

LMP8278 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMP8278
Description  LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8278 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8278 Datasheet HTML 4Page - Texas Instruments LMP8278 Datasheet HTML 5Page - Texas Instruments LMP8278 Datasheet HTML 6Page - Texas Instruments LMP8278 Datasheet HTML 7Page - Texas Instruments LMP8278 Datasheet HTML 8Page - Texas Instruments LMP8278 Datasheet HTML 9Page - Texas Instruments LMP8278 Datasheet HTML 10Page - Texas Instruments LMP8278 Datasheet HTML 11Page - Texas Instruments LMP8278 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
CMRR (dB)
35
30
25
20
15
10
5
0
80
90
100
110
120
130
140
125°C
25°C
-40°C
-15 -12 -9
-6
-3
0
3
6
9
12 15
0
5
10
15
20
TCVOS( V/°C)
VOS (mV)
40
35
30
25
20
15
10
5
0
-2.0 -1.5 -1.0 -0.5 0.0
0.5
1.0
1.5
2.0
125°C
-40°C
25°C
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
ILOAD( A)
ILOAD ( A)
5.00
4.99
4.98
4.97
4.96
4.95
4.94
4.93
4.92
4.91
4.90
1
10
100
1000
TIME (10 s/DIV)
INPUT
OUTPUT
LMP8278
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, measurements taken at TA = 25°C, VS = 5V, GND = 0V, −2V ≤ VCM ≤ 28V, and RL = ∞, 10nF
between VS and GND.
Positive Swing
vs.
Step Response
ILOAD
Figure 14.
Figure 15.
Negative Swing
vs.
ILOAD
VOS Distribution
Figure 16.
Figure 17.
TCVOS Distribution
CMRR Distribution
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com