Electronic Components Datasheet Search
  English  ▼

X  

LMP8278 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP8278
Description  LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8278 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8278 Datasheet HTML 9Page - Texas Instruments LMP8278 Datasheet HTML 10Page - Texas Instruments LMP8278 Datasheet HTML 11Page - Texas Instruments LMP8278 Datasheet HTML 12Page - Texas Instruments LMP8278 Datasheet HTML 13Page - Texas Instruments LMP8278 Datasheet HTML 14Page - Texas Instruments LMP8278 Datasheet HTML 15Page - Texas Instruments LMP8278 Datasheet HTML 16Page - Texas Instruments LMP8278 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Ri
+IN
-IN
LMP8278
+
-
A1
A2
Internal
Resistor
100 k:
OUT
1
5
3
4
8
Preamplifier
Gain = 7
Output Buffer
Gain = 2
+IN
-IN
LMP8278
+
-
A1
A2
Internal
Resistor
100 k:
OUT
1
5
3
4
8
Rr
Preamplifier
Gain = 7
Output Buffer
Gain = 2
LMP8278
www.ti.com
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
Figure 22. Reduce Gain
Figure 23. Increase Gain
POWER SUPPLY DECOUPLING
In order to decouple the LMP8278 from AC noise on the power supply, it is recommended to use a 0.1 µF
bypass capacitor between the VS and GND pins. This capacitor should be placed as close as possible to the
supply pins. In some cases an additional 10 µF bypass capacitor may further reduce the supply noise.
DRIVING SWITCHED CAPACITIVE LOADS
Some ADCs load their signal source with a sample and hold capacitor. The capacitor may be discharged prior to
being connected to the signal source. If the LMP8278 is driving such ADCs the sudden current that should be
delivered when the sampling occurs may disturb the output signal. This effect was simulated with the circuit
shown in Figure 24 where the output is connected to a capacitor that is driven by a rail to rail square wave.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com