Electronic Components Datasheet Search
  English  ▼

X  

LMS4684 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMS4684
Description  LMS4684 0.5Ω Low-Voltage, Dual SPDT Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMS4684 Datasheet(HTML) 3 Page - Texas Instruments

  LMS4684 Datasheet HTML 1Page - Texas Instruments LMS4684 Datasheet HTML 2Page - Texas Instruments LMS4684 Datasheet HTML 3Page - Texas Instruments LMS4684 Datasheet HTML 4Page - Texas Instruments LMS4684 Datasheet HTML 5Page - Texas Instruments LMS4684 Datasheet HTML 6Page - Texas Instruments LMS4684 Datasheet HTML 7Page - Texas Instruments LMS4684 Datasheet HTML 8Page - Texas Instruments LMS4684 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LMS4684
www.ti.com
SNOSAL0C – DECEMBER 2004 – REVISED APRIL 2013
OPERATING RATINGS
Nominal Supply Voltage
1.8V to 5.5V
IN Voltage (regardless of supply)
−0.3V to 5.5V
Temperature Range
−40°C to 85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed.
(2)
All voltages are with respect to GND, unless otherwise specified.
PACKAGE THERMAL RESISTANCE
Package
θJ-A
WSON-10
43°C / W
DSBGA-12
57°C / W
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, V
+ = 2.7 to 3.3V, V
IH = 1.4V, VIL = 0.5V. Typical values are measured at 3V, and TJ = 25°C.
Boldface limits apply at temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VNO, VNC, VCOM
Analog Signal Range
0
V+
V
V+ = 2.7V, ICOM = 100 mA,
RON (NC)
NC On-Resistance (1)
0.3
0.5
Ω
VNC =0 to V
+
NO On-Resistance
V+ = 2.7V, ICOM = 100 mA,
RON (NO)
0.45
0.8
Ω
(1)
VNO =0 to V
+
On-Resistance Match
V+ = 2.7V, ICOM = 100 mA,
ΔRON
1.11
60
m
Ω
Between Channels (1), (2)
VNC or VNO =1.5V
WSON
TJ = -40°C to
0.1
0.25
V+ = 2.7V,
85°C
NC-On-Resistance
RFLAT(NC)
ICOM = 100 mA,
Ω
Flatness (3)
DSBGA
VNC = 0 to V
+
TJ = -40°C to
0.1
0.25
85°C
NO On-Resistance
V+ = 2.7V, ICOM = 100 mA,
RFLAT(NO)
0.18
0.35
Ω
Flatness (3)
VNO = 0 to V
+
−1
0.014
1
NO or NC Off Leakage
V+ = 3.3V, VNO or VNC = 3V,
INO(OFF) or INC(OFF)
nA
Current
0.3V; VCOM = 0.3V, 3V
−10
10
V+ = 3.3V, VNO or VNC = 3V,
−2
2
ICOM (ON)
COM On Leakage Current
0.3V, or floating; VCOM = 3V, or
nA
−20
20
floating
Dynamic Characteristics
38
60
V+ = 2.7V, VNO or VNC = 1.5V;
tON
Turn-On Time
ns
RL = 50Ω; CL = 35 pF;
70
22
40
V+ = 2.7V, VNO or VNC = 1.5V;
tOFF
Turn-Off Time
ns
RL = 50Ω; CL = 35 pF;
50
V+ = 2.7V, VNO or VNC = 1.5V;
tBBM
Break-Before-Make Delay
2
15
ns
RL = 50Ω; CL = 35 pF;
Q
Charge Injection
COM = 0; RS = 0; CL= 1 nF;
200
pC
VISO
Off-Isolation (4)
RL = 50Ω; CL= 5 pF; f = 100 kHz
-68
dB
VCT
Crosstalk
-72
dB
Digital I/O
VIH
Input Logic High
1.4
V
VIL
Input Logic Low
0.5
V
(1)
Guaranteed by design.
(2)
ΔRON is equal to the difference between NC1/NC2 RON or NO1/NO2 RON at a specified voltage.
(3)
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog
signal ranges.
(4)
Off-isolation = 20 log10(VCOM/ VNO), where VCOM = output, VNO = input switch off.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMS4684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com