Electronic Components Datasheet Search
  English  ▼

X  

LMS4684 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMS4684
Description  LMS4684 0.5Ω Low-Voltage, Dual SPDT Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMS4684 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMS4684 Datasheet HTML 4Page - Texas Instruments LMS4684 Datasheet HTML 5Page - Texas Instruments LMS4684 Datasheet HTML 6Page - Texas Instruments LMS4684 Datasheet HTML 7Page - Texas Instruments LMS4684 Datasheet HTML 8Page - Texas Instruments LMS4684 Datasheet HTML 9Page - Texas Instruments LMS4684 Datasheet HTML 10Page - Texas Instruments LMS4684 Datasheet HTML 11Page - Texas Instruments LMS4684 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
V
+
or NO
NC
IN
COM
VOUT
GND
VIL to VIH
VIN
+
V
+
0.047PF
Protection
Diode
Motor or
inductive
load
LMS4684
SNOSAL0C – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
FUNCTIONAL DESCRIPTION
The LMS4684 is a low voltage dual, extremely low On-Resistance analog switch that can operate over a supply
voltage range of 1.8V to 5.5V. The LMS4684 has been fully characterized to operate in applications with 3V
nominal supply voltage and features very low on resistance and fast Turn-Off and Turn-On times with break-
before-make switching.
The switch operates asymmetrically; one terminal is normally closed (NC) and the other terminal normally open
(NO).
Both NC and NO terminals are connected to a common terminal (COM). This configuration is ideal for
applications with asymmetric loads such as speaker handsets and internal speakers.
Applications Information
ANALOG INPUT SIGNAL
Analog input signals can range from GND to V+ and are passed through the switch with very little change. Each
switch is bidirectional so any pin can be an input or output.
Exercise care when making connection to an inductive load, such as a motor. As is true with any analog switch
used with an inductive load, the back emf produced when the switch is turned off can damage the LMS4684 by
electrical overstress. For such applications, a diode should be connected across the motor to prevent damage to
the switch, as indicated in Figure 16. Be sure the diode has adequate current carrying capabilities.
Figure 16. Inductive Load Over-Voltage Protection
DIGITAL CONTROL INPUTS
The IN pin can be driven to 5.5V regardless of the voltage level of the supply pin V+. For example, if the
LMS4684 is operated with a supply of 2V, the digital control input could still be driven to 5V. Power consumption
is increased when the control pin is driven rail-to-rail.
SUPPLY VOLTAGE
It is good general practice to first apply the supply voltage to a CMOS device before sriving any other pins. This
is also true for the LMS4684 analog switch, which is a CMOS device.
However, if it is necessary to have an analog signal applied before the supply voltage is applied and the analog
signal source is not limited to 20 mA max, a diode connected between the supply voltage and the V+ pin as
shown in Figure 17 will provide input protection. This will limit the max analog voltage to a diode drop below V+.
This diode, D1, will also provide protection against some over voltage situations.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMS4684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com