Electronic Components Datasheet Search
  English  ▼

X  

LMT89 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMT89
Description  LMT89 2.4-V, 10-μA, SC70 Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT89 Datasheet(HTML) 4 Page - Texas Instruments

  LMT89 Datasheet HTML 1Page - Texas Instruments LMT89 Datasheet HTML 2Page - Texas Instruments LMT89 Datasheet HTML 3Page - Texas Instruments LMT89 Datasheet HTML 4Page - Texas Instruments LMT89 Datasheet HTML 5Page - Texas Instruments LMT89 Datasheet HTML 6Page - Texas Instruments LMT89 Datasheet HTML 7Page - Texas Instruments LMT89 Datasheet HTML 8Page - Texas Instruments LMT89 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LMT89
SNIS176A – MARCH 2013 – REVISED JANUARY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply Voltage
−0.2
6.5
V
Output Voltage
(V+ + 0.6 V)
−0.6
V
Output Current
10
mA
Input Current at any pin(3)
5
mA
Maximum Junction Temperature (TJMAX)
150
°C
Storage temperature (Tstg)
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Soldering process must comply with the Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.. Reflow
temperature profiles are different for lead-free and non-lead-free packages.
(3)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V
+), the current at that pin should be limited to 5 mA.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±2500
V(ESD)
(1)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±250
C101(3)
(1)
Accuracy is defined as the error between the measured and calculated output voltage at the specified conditions of voltage, current, and
temperature (expressed in°C).
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
LMT89 with 2.4 V
≤ V+ ≤ 2.7 V
−30
130
°C
LMT89 with 2.7 V
≤ V+ ≤ 5.5 V
−55
130
°C
Supply Voltage Range (V+)
2.4
5.5
V
6.4 Thermal Information
LMT89
THERMAL METRIC(1)
SOT
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
282
RθJC(top)
Junction-to-case (top) thermal resistance
93
RθJB
Junction-to-board thermal resistance
62
°C/W
ψJT
Junction-to-top characterization parameter
1.6
ψJB
Junction-to-board characterization parameter
62
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. For
measured thermal resistance using specific printed circuit board layouts for the LMT89, see Layout.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com