Electronic Components Datasheet Search
  English  ▼

X  

LMT89 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMT89
Description  LMT89 2.4-V, 10-μA, SC70 Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT89 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMT89 Datasheet HTML 5Page - Texas Instruments LMT89 Datasheet HTML 6Page - Texas Instruments LMT89 Datasheet HTML 7Page - Texas Instruments LMT89 Datasheet HTML 8Page - Texas Instruments LMT89 Datasheet HTML 9Page - Texas Instruments LMT89 Datasheet HTML 10Page - Texas Instruments LMT89 Datasheet HTML 11Page - Texas Instruments LMT89 Datasheet HTML 12Page - Texas Instruments LMT89 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
6
O
6
(1.8639
V
2.1962 10
3.88 10
)
T
1481.96


u
u



GND
NC
VO
V
+
LMT89
+2.4V to +5.5V
To MCU ADC
LMT89
www.ti.com
SNIS176A – MARCH 2013 – REVISED JANUARY 2015
NOTE
Either placement of resistor, as shown in Figure 2 and Figure 3, is just as effective.
8.2 Typical Applications
8.2.1 Full-Range Centigrade Temperature Sensor
Figure 4. Full-Range Celsius (Centigrade) Temperature Sensor (
−55°C to 130°C) Operating from a Single
Li-Ion Battery Cell
8.2.1.1 Design Requirements
Design requirements related to layout are also important because the LMT89 device is a simple temperature
sensor that provides an analog output, refer to Layout for a detailed description.
8.2.1.2 Detailed Design Procedure
The LMT89 device output is shown in Equation 4.
VO = (−3.88 × 10
−6 × T2) + (−1.15 × 10−2 × T) + 1.8639
(4)
Solve for T as shown in Equation 5:
where
•
T is temperature, and VO is the measured output voltage of the LMT89 device. Equation 5 is the most accurate
equation that can be used to calculate the temperature of the LMT89 device.
(5)
An alternative to the quadratic equation a second order transfer function can be determined using the least
squares method shown in Equation 6.
T = (
−2.3654 × VO
2) + (−78.154 × V
O ) + 153.857
where
•
T is temperature express in °C and VO is the output voltage expressed in volts.
(6)
A linear transfer function can be used over a limited temperature range by calculating a slope and offset that give
best results over that range. A linear transfer function can be calculated from the parabolic transfer function of
the LMT89 device. The slope of the linear transfer function can be calculated using Equation 7.
m =
−7.76 × 10
−6× T − 0.0115,
where
•
T is the middle of the temperature range of interest and m is in V/°C. For example for the temperature range of
TMIN = −30 to TMAX = 100°C
(7)
T = 35°C
(8)
and
m =
−11.77 mV/°C
(9)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMT89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com