Electronic Components Datasheet Search
  English  ▼

X  

LMV1032 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV1032
Description  LMV1032-06/LMV1032-15/LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1032 Datasheet(HTML) 2 Page - Texas Instruments

  LMV1032 Datasheet HTML 1Page - Texas Instruments LMV1032 Datasheet HTML 2Page - Texas Instruments LMV1032 Datasheet HTML 3Page - Texas Instruments LMV1032 Datasheet HTML 4Page - Texas Instruments LMV1032 Datasheet HTML 5Page - Texas Instruments LMV1032 Datasheet HTML 6Page - Texas Instruments LMV1032 Datasheet HTML 7Page - Texas Instruments LMV1032 Datasheet HTML 8Page - Texas Instruments LMV1032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LMV1032
SNAS233G – DECEMBER 2003 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
Human Body Model
2500V
Machine Model
250V
Supply Voltage
VDD - GND
5.5V
Storage Temperature Range
−65°C to 150°C
Junction Temperature(4)
150°C max
Mounting Temperature
Infrared or Convection (20 sec.)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The Human Body Model (HBM) is 1.5 k
Ω in series with 100 pF. The Machine Model is 0Ω in series with 200 pF.
(4)
The maximum power dissipation is a function of TJ(MAX) , θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Supply Voltage
1.7V to 5V
Temperature Range
−40°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
1.7V and 5V Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C and VDD = 1.7V and 5V. Boldface limits apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
IDD
Supply Current
VIN = GND
60
85
μA
100
SNR
Signal to Noise Ratio
VDD = 1.7V
LMV1032-06
58
VIN = 18 mVPP
LMV1032-15
61
f = 1 kHz
LMV1032-25
61
dB
VDD = 5V
LMV1032-06
59
VIN = 18 mVPP
LMV1036-15
61
f = 1 kHz
LMV1032-25
62
PSRR
Power Supply Rejection Ratio
1.7V < VDD < 5V
LMV1032-06
65
75
60
LMV1032-15
60
70
dB
55
LMV1032-25
55
65
50
VIN
Max Input Signal
f = 1 kHz and THD+N <
LMV1032-06
300
1%
LMV1032-15
170
mVPP
LMV1032-25
60
fLOW
Lower
−3 dB Roll Off Frequency
RSOURCE = 50Ω
70
Hz
VIN = 18 mVPP
fHIGH
Upper
−3 dB Roll Off Frequency
RSOURCE = 50Ω
LMV1032-06
120
kHz
VIN = 18 mVPP
LMV1032-15
75
LMV1032-25
21
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by design or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV1032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com