Electronic Components Datasheet Search
  English  ▼

X  

LMV1032 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV1032
Description  LMV1032-06/LMV1032-15/LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1032 Datasheet(HTML) 4 Page - Texas Instruments

  LMV1032 Datasheet HTML 1Page - Texas Instruments LMV1032 Datasheet HTML 2Page - Texas Instruments LMV1032 Datasheet HTML 3Page - Texas Instruments LMV1032 Datasheet HTML 4Page - Texas Instruments LMV1032 Datasheet HTML 5Page - Texas Instruments LMV1032 Datasheet HTML 6Page - Texas Instruments LMV1032 Datasheet HTML 7Page - Texas Instruments LMV1032 Datasheet HTML 8Page - Texas Instruments LMV1032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
10
1k
1M
FREQUENCY (Hz)
-15
-5
5
20
100k
10k
100
15
0
-10
10
PHASE
GAIN
150
300
450
400
250
200
350
10
1k
1M
FREQUENCY (Hz)
-15
-5
30
100k
10k
100
20
15
-10
25
10
5
0
150
450
400
350
200
300
250
GAIN
PHASE
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
50
55
60
65
70
-40°C
25°C
85°C
10.00
10
1k
1M
FREQUENCY (Hz)
-30.00
-15.00
100k
10k
100
0.00
-5.00
-20.00
-25.00
-10.00
5.00
180
-180
-45
90
45
-90
-135
0
135
GAIN
PHASE
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
45
50
55
60
65
70
85°C
25°C
-40°C
SUPPLY VOLTAGE (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
50
55
60
65
70
75
85°C
25°C
-40°C
LMV1032
SNAS233G – DECEMBER 2003 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, VS = 1.7V, single supply, TA = 25°C
Supply Current vs. Supply Voltage (LMV1032-06)
Supply Current vs. Supply Voltage (LMV1032-15)
Figure 2.
Figure 3. '
Supply Current vs. Supply Voltage (LMV1032-25)
Closed Loop Gain and Phase vs. Frequency (LMV1032-06)
Figure 4.
Figure 5.
Closed Loop Gain and Phase vs. Frequency (LMV1032-15)
Closed Loop Gain and Phase vs. Frequency (LMV1032-25)
Figure 6.
Figure 7.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV1032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com