Electronic Components Datasheet Search
  English  ▼

X  

AD7984BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7984BCPZ
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7984BCPZ Datasheet HTML 5Page - Analog Devices AD7984BCPZ Datasheet HTML 6Page - Analog Devices AD7984BCPZ Datasheet HTML 7Page - Analog Devices AD7984BCPZ Datasheet HTML 8Page - Analog Devices AD7984BCPZ Datasheet HTML 9Page - Analog Devices AD7984BCPZ Datasheet HTML 10Page - Analog Devices AD7984BCPZ Datasheet HTML 11Page - Analog Devices AD7984BCPZ Datasheet HTML 12Page - Analog Devices AD7984BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7984
Rev. 0 | Page 9 of 24
100
80
2.5
5.5
REFERENCE VOLTAGE (V)
95
90
85
18
14
17
16
15
3.0
3.5
4.0
4.5
5.0
ENOB
SNR
SINAD
Figure 12. SNR, SINAD, and ENOB vs. Reference Voltage
100
90
–55
105
TEMPERATURE (°C)
98
96
94
92
–35
–15
5
25
45
65
85
Figure 13. SNR vs. Temperature
100
80
1000
FREQUENCY (kHz)
1
10
100
95
90
85
Figure 14. SINAD vs. Frequency
–100
–120
2.5
5.5
REFERENCE VOLTAGE (V)
–105
–110
–115
3.0
3.5
4.0
4.5
5.0
Figure 15. THD vs. Reference Voltage
–100
–120
–55
125
TEMPERATURE (°C)
–105
–110
–115
–35
–15
5
25
45
65
85
105
Figure 16. THD vs. Temperature
–80
–115
1000
FREQUENCY (kHz)
1
10
100
–85
–90
–95
–100
–105
–110
Figure 17. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com