Electronic Components Datasheet Search
  English  ▼

X  

AD7984BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7984BCPZ
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7984BCPZ Datasheet HTML 13Page - Analog Devices AD7984BCPZ Datasheet HTML 14Page - Analog Devices AD7984BCPZ Datasheet HTML 15Page - Analog Devices AD7984BCPZ Datasheet HTML 16Page - Analog Devices AD7984BCPZ Datasheet HTML 17Page - Analog Devices AD7984BCPZ Datasheet HTML 18Page - Analog Devices AD7984BCPZ Datasheet HTML 19Page - Analog Devices AD7984BCPZ Datasheet HTML 20Page - Analog Devices AD7984BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD7984
Rev. 0 | Page 17 of 24
CS MODE, 3-WIRE WITHOUT BUSY INDICATOR
This mode is usually used when a single AD7984 is connected
to an SPI-compatible digital host. The connection diagram is
shown in Figure 28, and the corresponding timing is given in
Figure 29.
With SDI tied to VIO, a rising edge on CNV initiates a
conversion, selects the CS mode, and forces SDO to high
impedance. When a conversion is initiated, it continues until
completion irrespective of the state of CNV. This can be useful,
for example, to bring CNV low to select other SPI devices, such
as analog multiplexers; however, CNV must be returned high
before the minimum conversion time elapses and then held
high for the maximum possible conversion time to avoid the
generation of the busy signal indicator. When the conversion is
complete, the AD7984 enters the acquisition phase and goes
into standby mode. When CNV goes low, the MSB is output
onto SDO. The remaining data bits are clocked by subsequent
SCK falling edges. The data is valid on both SCK edges. Although
the rising edge can be used to capture the data, a digital host
using the SCK falling edge allows a faster reading rate, provided
it has an acceptable hold time. After the 18th SCK falling edge or
when CNV goes high (whichever occurs first), SDO returns to
high impedance.
AD7984
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
Figure 28. CS Mode, 3-Wire Without Busy Indicator Connection Diagram (SDI High)
SDO
D17
D16
D15
D1
D0
tDIS
SCK
1
2
3
16
17
18
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCONV
tCYC
ACQUISITION
SDI = 1
tCNVH
tACQ
tEN
Figure 29. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com