Electronic Components Datasheet Search
  English  ▼

X  

APL5315 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5315
Description  Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5315 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5315 Datasheet HTML 8Page - Anpec Electronics Coropration APL5315 Datasheet HTML 9Page - Anpec Electronics Coropration APL5315 Datasheet HTML 10Page - Anpec Electronics Coropration APL5315 Datasheet HTML 11Page - Anpec Electronics Coropration APL5315 Datasheet HTML 12Page - Anpec Electronics Coropration APL5315 Datasheet HTML 13Page - Anpec Electronics Coropration APL5315 Datasheet HTML 14Page - Anpec Electronics Coropration APL5315 Datasheet HTML 15Page - Anpec Electronics Coropration APL5315 Datasheet HTML 16Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2007
APL5315
www.anpec.com.tw
13
Carrier Tape & Reel Dimensions
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOT23-5
8
5.3
3000
Cover Tape Dimensions
(mm)
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
A
J
B
T2
T1
C
Application
A
B
C
J
T1
T2
W
P
E
178
±1
72
± 1.0 13.0 + 0.2 2.5 ± 0.15 8.4 ± 2
1.5
± 0.3 8.0 ± 0.3
4
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-23-5
3.5
± 0.05 1.5± 0.1
1.5
± 0.1 4.0 ± 0.1 2.0 ± 0.1 3.15 ± 0.1 3.2± 0.1
1.4
± 0.1 0.2±0.033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com