Electronic Components Datasheet Search
  English  ▼

X  

APL5315 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5315
Description  Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5315 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5315 Datasheet HTML 1Page - Anpec Electronics Coropration APL5315 Datasheet HTML 2Page - Anpec Electronics Coropration APL5315 Datasheet HTML 3Page - Anpec Electronics Coropration APL5315 Datasheet HTML 4Page - Anpec Electronics Coropration APL5315 Datasheet HTML 5Page - Anpec Electronics Coropration APL5315 Datasheet HTML 6Page - Anpec Electronics Coropration APL5315 Datasheet HTML 7Page - Anpec Electronics Coropration APL5315 Datasheet HTML 8Page - Anpec Electronics Coropration APL5315 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2007
APL5315
www.anpec.com.tw
2
Pin Configuration
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 6.5
V
VSHND
SHND Input Voltage (SHND to GND)
-0.3 ~ 6.5
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
-40 ~ 150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings
VIN 3
4 VOUT
SHDN 1
GND 2
5 SET
SOT-23-5
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5315
35RX
APL5315-12
355X
APL5315-15
359X
APL5315-18
35CX
APL5315-25
35JX
APL5315- 33
35RX (Note2)
Note1 : Other voltage version please contact ANPEC for detail.
Note2 : Because APL5315 and APL5315-33 are identical, the marking of APL5315 is same as APL5315-33.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance-Junction to Ambient (Note 3)
240
oC/W
Note3 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VIN
VIN Supply Voltage
2.7 ~ 6
V
VOUT
Output Voltage
0.8 ~ 5.5
V
IOUT
VOUT Output Current
0 ~ 300
mA
COUT
Output Capacitor
1.5 ~ 33
µF
TJ
Junction Temperature
-40 ~ 125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com