Electronic Components Datasheet Search
  English  ▼

X  

1056554 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1056554
Description  UCT4-EMLP (27X27) SR - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1056554 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1056554 Datasheet HTML 1Page - PHOENIX CONTACT 1056554 Datasheet HTML 2Page - PHOENIX CONTACT 1056554 Datasheet HTML 3Page - PHOENIX CONTACT 1056554 Datasheet HTML 4Page - PHOENIX CONTACT 1056554 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Plastic label, Sheet, silver, unlabeled, can be labeled with: BLUEMARK E.CARD, 
BLUEMARK ID COLOR, BLUEMARK ID, THERMOMARK PRIME 2.0, THERMOMARK PRIME,
THERMOMARK CARD 2.0, THERMOMARK CARD, TOPMARK NEO, TOPMARK LASER,
mounting type: adhesive, text field height: 27 mm, text field width: 27 mm
Your advantages
The UCT4-EM(L)P... device markers are suitable for gluing into or latching into the SIEMENS SIRIUS ACT 3SU... button series marker carriers
•
The markers, which are supplied in uniform sheets, can be marked quickly, easily, and precisely using the card printers
•
The sheets provide additional space for project information and function text that can be helpful during further assembly
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
1056554
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2418
GTIN
4055626697031
Weight per piece (including packing)
10.08 g
Weight per piece (excluding packing)
10.1 g
Country of origin
PL
UCT4-EMLP (27X27) SR - Plastic label
1056554
https://www.phoenixcontact.com/us/products/1056554
Jun 25, 2025, 5:50AM
Page 1 (5)


Similar Part No. - 1056554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1056550 PHOENIX-1056550 Datasheet
185Kb / 5P
UCT4-EMLP (27X12,5) SR - Plastic label
1056553 PHOENIX-1056553 Datasheet
185Kb / 5P
UCT4-EMLP (27X17,5) SR - Plastic label
More results

Similar Description - 1056554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801729 PHOENIX-0801729 Datasheet
47Kb / 3P
Plastic label - EMLP (60X30)R SR
0802687 PHOENIX-0802687 Datasheet
44Kb / 2P
Plastic label - EMLP (EX15)R SR
0802689 PHOENIX-0802689 Datasheet
44Kb / 2P
Plastic label - EMLP (EX30)R SR
0803692 PHOENIX-0803692 Datasheet
65Kb / 4P
Label sheet, DIN A4 - BMKL 27X27 SR
0803877 PHOENIX-0803877 Datasheet
58Kb / 2P
Plastic label - US-EMLP-HA 24 (30X18/8) SR
0825481 PHOENIX-0825481 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (27X27)
0827896 PHOENIX-0827896 Datasheet
46Kb / 2P
Plastic label - UC-EMLP (27X15) SR
0828097 PHOENIX-0828097 Datasheet
48Kb / 3P
Plastic label - UC-EMLP (20X8) SR
0830993 PHOENIX-0830993 Datasheet
58Kb / 3P
Plastic label - US-EMLP-HA (85,6X54) SR
0825477 PHOENIX-0825477 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (27X18) SR
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com