Electronic Components Datasheet Search
  English  ▼

X  

1056554 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1056554
Description  UCT4-EMLP (27X27) SR - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1056554 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1056554 Datasheet HTML 1Page - PHOENIX CONTACT 1056554 Datasheet HTML 2Page - PHOENIX CONTACT 1056554 Datasheet HTML 3Page - PHOENIX CONTACT 1056554 Datasheet HTML 4Page - PHOENIX CONTACT 1056554 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Device marking
Area of application
SIEMENS: SIRIUS ACT 3SU marker carrier
Marking
Identification technology
Thermal transfer for sheets and cards, UV LED technology, direct
laser marking
Mounting
Mounting type
adhesive
Material specifications
Color
silver
Material
PC
Flammability rating according to UL 94
V0
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Components
free from silicone and halogen
Environmental and real-life conditions
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
IEC 61010-1:2010-06
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Dimensions
Width
26.65 mm
Height
26.65 mm
Depth
0.8 mm
Text field
Text field width
27 mm
Text field height
27 mm
UCT4-EMLP (27X27) SR - Plastic label
1056554
https://www.phoenixcontact.com/us/products/1056554
Jun 25, 2025, 5:50AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com