Electronic Components Datasheet Search
  English  ▼

X  

1092024 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1092024
Description  LS-EMLP-V4A (50X15) CUS - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1092024 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1092024 Datasheet HTML 1Page - PHOENIX CONTACT 1092024 Datasheet HTML 2Page - PHOENIX CONTACT 1092024 Datasheet HTML 3Page - PHOENIX CONTACT 1092024 Datasheet HTML 4Page - PHOENIX CONTACT 1092024 Datasheet HTML 5Page - PHOENIX CONTACT 1092024 Datasheet HTML 6Page - PHOENIX CONTACT 1092024 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ambient conditions
Ambient temperature (operation)
-40 °C ... 250 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in
the original packaging is recommended.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
12 months
Dimensions
Width
50 mm
Length
15 mm
Material strength
0.50 mm
Text field
Text field width
50 mm
Text field height
15 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
LS-EMLP-V4A (50X15) CUS - Device marker
1092024
https://www.phoenixcontact.com/us/products/1092024
Jun 23, 2025, 12:13AM
Page 5 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com