Electronic Components Datasheet Search
  English  ▼

X  

1092024 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1092024
Description  LS-EMLP-V4A (50X15) CUS - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1092024 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1092024 Datasheet HTML 1Page - PHOENIX CONTACT 1092024 Datasheet HTML 2Page - PHOENIX CONTACT 1092024 Datasheet HTML 3Page - PHOENIX CONTACT 1092024 Datasheet HTML 4Page - PHOENIX CONTACT 1092024 Datasheet HTML 5Page - PHOENIX CONTACT 1092024 Datasheet HTML 6Page - PHOENIX CONTACT 1092024 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device marker, Stainless steel label, can be ordered: Piece, silver-colored, labeled according to
customer specifications, mounting type: adhesive, Number of individual labels: 24, text field
height: 15 mm, text field width: 50 mm
Your advantages
Stainless steel stick-on device marking
•
Easy-to-clean and permanent identification that also meets stringent hygiene requirements
•
High resistance to corrosion, acids, and temperatures
•
Commercial data
Item number
1092024
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG812D
GTIN
4055626906195
Weight per piece (including packing)
153.5 g
Weight per piece (excluding packing)
153 g
Country of origin
PL
LS-EMLP-V4A (50X15) CUS - Device marker
1092024
https://www.phoenixcontact.com/us/products/1092024
Jun 23, 2025, 12:13AM
Page 1 (7)


Similar Part No. - 1092024

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109202 ERNI-109202 Datasheet
44Kb / 1P
MiniMez Vertical Male SMT
More results

Similar Description - 1092024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824547 PHOENIX-0824547 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (11X9) CUS
0824562 PHOENIX-0824562 Datasheet
55Kb / 2P
Plastic label - UC-EMLP (60X30) CUS
0830508 PHOENIX-0830508 Datasheet
51Kb / 2P
Device marker - EMLP-AL (27X15)
0830509 PHOENIX-0830509 Datasheet
46Kb / 3P
Device marker - EMLP-AL (27X18)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830512 PHOENIX-0830512 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X15)
0830513 PHOENIX-0830513 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X30)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
0830515 PHOENIX-0830515 Datasheet
52Kb / 2P
Device marker - EMLP-AL (100X60)
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com