Electronic Components Datasheet Search
  English  ▼

X  

LS300 Datasheet(PDF) 2 Page - ABL Aluminium Components Ltd

Part # LS300
Description  HEATSINK SELECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABL [ABL Aluminium Components Ltd]
Direct Link  https://www.ablcomponents.co.uk/
Logo ABL - ABL Aluminium Components Ltd

LS300 Datasheet(HTML) 2 Page - ABL Aluminium Components Ltd

  LS300 Datasheet HTML 1Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 2Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 3Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 4Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 5Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 6Page - ABL Aluminium Components Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GENER AL INFORMATION
Aluminium Alloy to BS1474 6063, T6.
For heatsink lengths up to 87.5mm one single notch in
each flange centrally along its length.
For heatsink lengths from 88mm to 150mm three
notches in each flange 38mm apart.
Some heatsinks have standard solderable pins for flow
soldering to circuit boards. Non standard pins and
studs can also be fitted.
A full range of standard clips are available from stock.
Profile Tolerances: All profile dimensions are toleranced
within BS1474 and this should be taken into
consideration when designing our profiles into your
equipment. Further details of specific tolerances can be
supplied if required.
Length Tolerances: +/- 0.4mm
Tighter Tolerances can be offered if required.
Performance figures given are for natural convection
operating conditions and are for a 60ºC temperature
rise with a centrally mounted heat source and vertically
mounted fins. Under general operating conditions the
thermal mounting arrangement of devices is not known
and therefore the figures should be used only as a
guide to heatsink selection.
It is recommended that the effectiveness of any
heatsink is confirmed in the specific operating
environment in which it will be subjected
In some circumstances exposed heatsink surfaces
may become very hot. Contact with these surfaces
may cause burns damage to skin.
I Plain
I Matt black anodised
I Alocromed
I Powder Coated
I Wet spray painted
I Clear anodised
I Coloured anodised
I Standard hole patterns for popular devices
TO3/TO66/TO220 etc.
I Non standard hole patterns to customers own
requirements.
MATERIAL
INSTALL ATION NOTCHES
STANDARD NOTCH DIMENSIONS
STUDS AND SOLDERABLE PINS
CLIPS
DIMENSIONS
SURFACE FINISH
HOLE PAT TERNS
PERFORMANCE
SAFETY
CL
38
38
CL
6.4
6.4
FULL RADIUS
3
PRINT
INDEX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com