Electronic Components Datasheet Search
  English  ▼

X  

LS300 Datasheet(PDF) 1 Page - ABL Aluminium Components Ltd

Part # LS300
Description  HEATSINK SELECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABL [ABL Aluminium Components Ltd]
Direct Link  https://www.ablcomponents.co.uk/
Logo ABL - ABL Aluminium Components Ltd

LS300 Datasheet(HTML) 1 Page - ABL Aluminium Components Ltd

  LS300 Datasheet HTML 1Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 2Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 3Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 4Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 5Page - ABL Aluminium Components Ltd LS300 Datasheet HTML 6Page - ABL Aluminium Components Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTRODUCTION
The function of a heatsink is to increase the surface
area available for the transfer of heat from a
component or device thereby increasing the amount of
heat that can be dissipated.
The following products/services are available:
1 A range of Standard heatsinks and accessories
which permit optimum flexibility in the design of
Electrical and Electronic equipment requiring
heatsink applications.
2 Custom designed heatsinks. We have facilities
available which enable us to provide design and
manufacturing of custom and specialised heatsinks
to your requirements.
The main factors to consider when selecting a
heatsink are:-
1 Geometry
2 Thermal Resistance
3 Cost
Defining the necessary heatsink performance.
In order to calculate the maximum acceptable thermal
resistance for the heatsink so that the device being
cooled does not overheat it is first necessary to define
the thermal parameters under which it is to operate.
The basic equation for thermal equilibrium is:-
Temperature difference
across the system
Power dissipated =
Sum of all the thermal
resistance in the heat
flow path.
Thus
PD =
Tj - Ta
Øjc + Øcs + Øsa
Where
PD = Power dissipation (W)
Tj
= Max allowable junction temp (ºC)
(specified by device manufacturer)
Ta
= Ambient temperature (ºC)
Øjc = Thermal resistance junction to
case (ºC/W)
(specified by device manufacturer)
Øcs = Thermal resistance, case to
heatsink (ºC/W)
Øsa = Thermal resistance, heatsinks to
ambient air (ºC/W)
The maximum value for thermal resistance heatsink to
air (sa) is usually determined by rearranging
equation 1 to the following:
Øsa =
Tj - Ta
- (Øjc + Øcs)
PD
The result of the above equation provides a thermal
resistance value which must be equalled or bettered
by the heatsink selected.
A semi-conductor device is to be operated with its
junction temperature not exceeding 80ºC whilst dissi-
pating 16 watts to ambient air at a temperature of40ºC.
The thermal resistance, junction to case, is specified
by the manufacturer as 1.25ºC/W and the thermal
resistance, case to sink (using an insulating washer and
thermally conductive compound) is taken as 0.50ºC/W.
Øsa = 80 - 40 - (1.25 + 0.50)
16
= 0.75ºC/W
The heatsink therefore must have a thermal resistance
which does not exceed 0.75ºC/W.
HEATSINK SELECTION
EQUATION 1
EQUAT ION 2
EXAMPLE
Thermal Performance of any heatsink is influenced by
many factors and for this reason all performance fig-
ures quoted should be treated as indicative only. It is
recommended that the effectiveness of any heatsink is
tested in the specific operating environment in which
it will be subjected.
2
PRINT
INDEX


Similar Part No. - LS300

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
LS300 LORLIN-LS300 Datasheet
723Kb / 1P
LS300 LOCK SWITCH
logo
Hugo Mueller GmbH & Co....
LS3000KNX HUGO-MUELLER-LS3000KNX Datasheet
144Kb / 2P
OUTDOOR SENSORS
More results

Similar Description - LS300

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
Master Selection Guide
CJ1W-MAD42 OMRON-CJ1W-MAD42 Datasheet
344Kb / 15P
CPU Selection
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
selection guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
Selection Guide
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
Device Selection Guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
SELECTION GUIDE
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
Antenna selection guidelines
23-Nov-2012
logo
Integrated Device Techn...
8V74S4622 IDT-8V74S4622 Datasheet
393Kb / 16P
Clock signal selection
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
IRLED SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com