Electronic Components Datasheet Search
  English  ▼

X  

LP2983 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP2983
Description  LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2983 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2983 Datasheet HTML 13Page - Texas Instruments LP2983 Datasheet HTML 14Page - Texas Instruments LP2983 Datasheet HTML 15Page - Texas Instruments LP2983 Datasheet HTML 16Page - Texas Instruments LP2983 Datasheet HTML 17Page - Texas Instruments LP2983 Datasheet HTML 18Page - Texas Instruments LP2983 Datasheet HTML 19Page - Texas Instruments LP2983 Datasheet HTML 20Page - Texas Instruments LP2983 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
IN
GND
ON/OFF
OUT
ESR
Ground
VOUT
VIN
Input
Capacitor
Output
Capacitor
ON/OFF
17
LP2983
www.ti.com
SNVS170D – OCTOBER 2001 – REVISED APRIL 2016
Product Folder Links: LP2983
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
For best overall performance, place all circuit components on the same side of the circuit board and as near as
practical to the respective LDO pin connections. Place ground return connections to the input and output
capacitors, and to the LDO ground pin as close to each other as possible, connected by a wide, component-side,
copper surface. The use of vias and long traces to create LDO circuit connections is strongly discouraged and
negatively affects system performance. This grounding and layout scheme minimizes inductive parasitics, and
thereby reduces load-current transients, minimizes noise, and increases circuit stability. TI also recommends a
ground reference plane, either embedded in the PCB itself or located on the bottom side of the PCB opposite the
components. This reference plane serves to assure accuracy of the output voltage, shield noise, and behaves
similar to a thermal plane to spread (or sink) heat from the LDO device. In most applications, this ground plane is
necessary to meet thermal requirements.
10.2 Layout Example
Figure 27. LP2983 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com