Electronic Components Datasheet Search
  English  ▼

X  

LP2983 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2983
Description  LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2983 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2983 Datasheet HTML 7Page - Texas Instruments LP2983 Datasheet HTML 8Page - Texas Instruments LP2983 Datasheet HTML 9Page - Texas Instruments LP2983 Datasheet HTML 10Page - Texas Instruments LP2983 Datasheet HTML 11Page - Texas Instruments LP2983 Datasheet HTML 12Page - Texas Instruments LP2983 Datasheet HTML 13Page - Texas Instruments LP2983 Datasheet HTML 14Page - Texas Instruments LP2983 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VIN
VOUT
PNP
GND
SCHOTTKY DIODE
LP2983
Copyright © 2016, Texas Instruments Incorporated
VIN
VOUT
PNP
GND
LP2983
Copyright © 2016, Texas Instruments Incorporated
11
LP2983
www.ti.com
SNVS170D – OCTOBER 2001 – REVISED APRIL 2016
Product Folder Links: LP2983
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Reverse Input-Output Voltage
The internal PNP power transistor used as the pass element in the LP2983 has an inherent diode connected
between the regulator output and input. During normal operation (where the input voltage is higher than the
output) this diode is reverse biased (See Figure 21).
Figure 21. LP2983 Reverse Current Path
However, if the input voltage is more than a VBE below the output voltage, this diode turns ON and current flows
into the regulator output. In such cases, a parasitic SCR can latch which allows a high current to flow into the VIN
pin and out the ground pin, which can damage the part.
The internal diode can also be turned on if the input voltage is abruptly stepped down to a voltage which is a VBE
below the output voltage.
In any application where the output voltage may be higher than the input voltage, an external Schottky diode
must be connected from VIN to VOUT (cathode on VIN, anode on VOUT — see Figure 22), to limit the reverse
voltage across the LP2983 to 0.3 V (see Absolute Maximum Ratings).
Figure 22. Adding External Schottky Diode Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com