Electronic Components Datasheet Search
  English  ▼

X  

LP3881 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3881
Description  LP3881 0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3881 Datasheet(HTML) 1 Page - Texas Instruments

  LP3881 Datasheet HTML 1Page - Texas Instruments LP3881 Datasheet HTML 2Page - Texas Instruments LP3881 Datasheet HTML 3Page - Texas Instruments LP3881 Datasheet HTML 4Page - Texas Instruments LP3881 Datasheet HTML 5Page - Texas Instruments LP3881 Datasheet HTML 6Page - Texas Instruments LP3881 Datasheet HTML 7Page - Texas Instruments LP3881 Datasheet HTML 8Page - Texas Instruments LP3881 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LP3881
www.ti.com
SNVS224F – MARCH 2003 – REVISED APRIL 2013
LP3881 0.8A Fast-Response Ultra Low Dropout Linear Regulators
Check for Samples: LP3881
1
FEATURES
DESCRIPTION
The LP3881 is a high current, fast response regulator
2
•
Ultra Low Dropout Voltage (75 mV @ 0.8A Typ)
which can maintain output voltage regulation with
•
Low Ground Pin Current
minimum input to output voltage drop. Fabricated on
•
Load Regulation of 0.04%/A
a CMOS process, the device operates from two input
voltages: Vbias provides voltage to drive the gate of
•
60 nA Typical Quiescent Current in Shutdown
the N-MOS power transistor, while Vin is the input
•
1.5% Output Accuracy (25°C)
voltage which supplies power to the load. The use of
•
TO-220, TO-263 and SOIC-8 Packages
an external bias rail allows the part to operate from
ultra low Vin voltages. Unlike bipolar regulators, the
•
Over Temperature/Over Current Protection
CMOS
architecture
consumes
extremely
low
•
−40°C to +125°C Junction Temperature Range
quiescent current at any output load current. The use
of an N-MOS power transistor results in wide
APPLICATIONS
bandwidth, yet minimum external capacitance is
required to maintain loop stability.
•
DSP Power Supplies
•
Server Core and I/O Supplies
The fast transient response of these devices makes
them
suitable
for
use
in
powering
DSP,
•
PC Add-in-Cards
Microcontroller Core voltages and Switch Mode
•
Local Regulators in Set-Top Boxes
Power Supply post regulators. The parts are available
•
Microcontroller Power Supplies
in TO-220, TO-263 and SOIC-8 packages.
•
High Efficiency Power Supplies
Dropout Voltage: 75 mV (typ) @ 0.8A load current.
•
SMPS Post-Regulators
Ground Pin Current: 3 mA (typ) at full load.
Shutdown Current: 60 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature
accuracy.
TYPICAL APPLICATION CIRCUIT
At least 4.7 µF of input and output capacitance is required for stability.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881EMR-1.2 NSC-LP3881EMR-1.2 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3881EMR-1.5 NSC-LP3881EMR-1.5 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3881EMR-1.8 NSC-LP3881EMR-1.8 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3891 NSC-LP3891 Datasheet
307Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com