Electronic Components Datasheet Search
  English  ▼

X  

LP3881 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3881
Description  LP3881 0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3881 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3881 Datasheet HTML 7Page - Texas Instruments LP3881 Datasheet HTML 8Page - Texas Instruments LP3881 Datasheet HTML 9Page - Texas Instruments LP3881 Datasheet HTML 10Page - Texas Instruments LP3881 Datasheet HTML 11Page - Texas Instruments LP3881 Datasheet HTML 12Page - Texas Instruments LP3881 Datasheet HTML 13Page - Texas Instruments LP3881 Datasheet HTML 14Page - Texas Instruments LP3881 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
30
80
130
180
0
0.5
1.5
COPPER AREA (sq. in.)
1
LP3881
www.ti.com
SNVS224F – MARCH 2003 – REVISED APRIL 2013
Figure 21. Maximum power dissipation vs ambient temperature for TO-263 package
HEATSINKING SOIC PACKAGE
Heatsinking for the SOIC-8 package is accomplished by allowing heat to flow through the ground slug on the
bottom of the package into the copper on the PC board. The heat slug must be soldered down to a copper plane
to get good heat transfer. It can also be connected through vias to internal copper planes. Since the heat slug is
at ground potential, traces must not be routed under it which are not at ground potential. Under all possible
conditions, the junction temperature must be within the range specified under operating conditions.
Figure 22 shows a curve for the
θJA of the SOIC package for different copper area sizes using a typical PCB with
one ounce copper in still air.
Figure 22.
θJA vs. Copper (1 ounce) Area for SOIC Package
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3881



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com