Electronic Components Datasheet Search
  English  ▼

X  

LP3988 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3988
Description  LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3988 Datasheet(HTML) 1 Page - Texas Instruments

  LP3988 Datasheet HTML 1Page - Texas Instruments LP3988 Datasheet HTML 2Page - Texas Instruments LP3988 Datasheet HTML 3Page - Texas Instruments LP3988 Datasheet HTML 4Page - Texas Instruments LP3988 Datasheet HTML 5Page - Texas Instruments LP3988 Datasheet HTML 6Page - Texas Instruments LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RPG
COUT
CIN
IN
OUT
EN
PG
GND
VOUT
VIN
LP3988
OFF
ON
VOUT OK
ERROR
VEN
VPG
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3988
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
With Power Good
1 Features
3 Description
The LP3988 is a 150-mA low dropout regulator
1
•
Input Voltage Range: 2.5 V to 6 V
designed specially to meet requirements of portable
•
Output Current: 150 mA
battery applications. The LP3988 is designed to work
•
PSRR at 10 kHz: 40 dB
with space-saving, small 1-µF ceramic capacitors.
The LP3988 features a Power Good (PG) output that
•
Quiescent Current When Shut Down:
≤ 1µA
indicates a faulty output condition. The device is ideal
•
Fast Turnon Time: 100 µs (Typical)
for
mobile
phone
and
similar
battery-powered
•
Dropout With 150-mA load: 80 mV (Typical)
wireless applications. It provides up to 150 mA output
current from a 2.5-V to 6-V input, consuming less
•
Junction Temperature Range for Operation:
than 1 µA in disable mode and has fast turnon time
−40°C to +125°C
less than 200 µs.
•
Power-Good Flag Output
The LP3988 device's performance is optimized for
•
Logic Controlled Enable
battery-powered
systems
to
deliver
low
noise,
•
Thermal Shutdown and Short-Circuit Current Limit
extremely low dropout voltage, and low quiescent
•
Stable with Ceramic and High-Quality Tantalum
current. Regulator ground current increases only
Capacitors
slightly in dropout, further prolonging the battery life.
Power supply rejection is better than 60 dB at low
2 Applications
frequencies and starts to roll off at 10 kHz. High
•
CDMA Cellular Handsets
power-supply rejection is maintained down to lower
input-voltage levels common to battery-operated
•
Wideband CDMA Cellular Handsets
circuits.
•
GSM Cellular Handsets
The LP3988 is available in a 5-pin SOT-23 package
•
Portable Information Appliances
and a 5-pin thin DSBGA package. Performance is
•
Tiny 3.3 V ± 5% to 2.85 V, 150-mA Converter
specified for
−40°C to +125°C temperature range. For
all available output voltage and package options, see
the Package Option Addendum (POA) at the end of
the data sheet.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
LP3988
DSBGA (5)
1.502 mm × 1.045 mm(2)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Body size dimension is maximum.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3988

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988 TI2-LP3988 Datasheet
681Kb / 25P
LP3988-Q1 Micropower, 150-mA Ultra-Low-Dropout CMOS LDO With Power Good
REVISED NOVEMBER 2016
LP3988-Q1 TI1-LP3988-Q1 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
More results

Similar Description - LP3988

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI-LP3988_15 Datasheet
1,010Kb / 25P
LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com