Electronic Components Datasheet Search
  English  ▼

X  

LP3991 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP3991
Description  LP3991 300-mA LDO for Digital Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3991 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3991 Datasheet HTML 13Page - Texas Instruments LP3991 Datasheet HTML 14Page - Texas Instruments LP3991 Datasheet HTML 15Page - Texas Instruments LP3991 Datasheet HTML 16Page - Texas Instruments LP3991 Datasheet HTML 17Page - Texas Instruments LP3991 Datasheet HTML 18Page - Texas Instruments LP3991 Datasheet HTML 19Page - Texas Instruments LP3991 Datasheet HTML 20Page - Texas Instruments LP3991 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
A1
A3
C3
VIN
SW
FB
EN
DC/DC
GND
VOUT
LM3673TL-
1.8
C1
B2
C2
10 PF
C1
4.7 PF
2.2 PH
LP3991TL-
1.5
EN
LDO
GND
VIN
C4
4.7 PF
B2
A1
A2
B1
Li-Ion
2.7 ± 4.3V
1.5V
Ferrite
Bead
1.8V
17
LP3991
www.ti.com
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
10.3 DSBGA Mounting
The DSBGA package requires specific mounting techniques which are detailed in AN-1112 DSBGA Wafer Level
Chip Scale Package. Referring to the section Surface Mount Technology (SMT) Assenbly Considerations, the
pad style that must be used with the 4-pin package is a NSMD (non-solder mask defined) type.
For best results during assembly, alignment ordinals on the PCB may be used to facilitate placement of the
DSBGA device.
10.4 DSBGA Light Sensitivity
Exposing the DSBGA device to direct sunlight may cause mis-operation of the device. Light sources such as
halogen lamps can affect the electrical performance if brought near to the device.
The wavelengths that have the most detrimental effect are reds and infra-reds, which means that the fluorescent
lighting used inside most buildings has little effect on performance.
Figure 19. LP3991 Used as a Post DC-DC Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com