Electronic Components Datasheet Search
  English  ▼

X  

LP3991 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3991
Description  LP3991 300-mA LDO for Digital Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3991 Datasheet(HTML) 3 Page - Texas Instruments

  LP3991 Datasheet HTML 1Page - Texas Instruments LP3991 Datasheet HTML 2Page - Texas Instruments LP3991 Datasheet HTML 3Page - Texas Instruments LP3991 Datasheet HTML 4Page - Texas Instruments LP3991 Datasheet HTML 5Page - Texas Instruments LP3991 Datasheet HTML 6Page - Texas Instruments LP3991 Datasheet HTML 7Page - Texas Instruments LP3991 Datasheet HTML 8Page - Texas Instruments LP3991 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
EN
A2
IN
B2
EN
A2
IN
B2
A1
GND
B1
OUT
A1
GND
B1
OUT
Top View
Bottom View
3
LP3991
www.ti.com
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YZR Package
4-Pin Thin DSBGA, Large Bump
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
A1
GND
—
Common ground. Connect to pad.
A2
EN
I
Enable Input; enables the regulator when
≥ 0.95 V.
Disables the regulator when
≤ 0.4 V.
Enable input has an internal 1.2-M
Ω pulldown resistor to GND.
B1
OUT
O
Voltage output. A low-ESR ceramic capacitor must be connected from this pin to GND (see
Application and Implementation). Connect this output to the load circuit.
B2
IN
I
Voltage supply input. A 1-µF capacitor must be connected from this pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com