Electronic Components Datasheet Search
  English  ▼

X  

LP5520 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 11Page - Texas Instruments LP5520 Datasheet HTML 12Page - Texas Instruments LP5520 Datasheet HTML 13Page - Texas Instruments LP5520 Datasheet HTML 14Page - Texas Instruments LP5520 Datasheet HTML 15Page - Texas Instruments LP5520 Datasheet HTML 16Page - Texas Instruments LP5520 Datasheet HTML 17Page - Texas Instruments LP5520 Datasheet HTML 18Page - Texas Instruments LP5520 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
15
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table 2. PWM Mode
<seq_mode1>
(BIT 7)
<seq_mode0>
(BIT 6)
MODE
0
0
Normal mode
0
1
Sequential mode with 2 PWM pulses per trigger
1
0
Sequential mode with 3 PWM pulses per trigger
1
1
Sequential mode with 4 PWM pulses per trigger
7.3.2.5 Current Control of the LEDs
The LP5520 has a separate 8-bit current control for each LED output. In manual mode the current for red LED is
controlled with the current_control_r (01H) register, the green LED is controlled with the current_control_g
(02H), and the blue LED with current_control_b (03H). Output current can be calculated with formula: current
(mA) = code × 0.235; for example, a 20-mA current is obtained with code 85 (55H).
In automatic and stand-alone modes the LED current values programmed in EEPROM are used, and the current
control registers have no effect. There are two ways to change the default current if needed. The defaults can be
changed permanently by programming new values to the EEPROM. The other option is to make a temporary
change by writing new current values in SRAM.
7.3.2.6 Output Enables
ROUT, GOUT, and BOUT output activity is controlled with 3 enable bits of the rgb_control (00H) register:
Table 3. Output Enable Bits
<en_b> (bit 2)
0
Blue LED output BOUT disabled
1
Blue LED output BOUT enabled
<en_g> (bit 1)
0
Green LED output GOUT disabled
1
Green LED output GOUT enabled
<en_r> (bit 0)
0
Red LED output ROUT disabled
1
Red LED output ROUT enabled
PWM control inputs PWMR, PWMG and PWMB can be used as external output enables in normal and automatic
mode. In the sequential mode these inputs are the trigger inputs for respective outputs.
7.3.2.7 Fade In and Fade Out
The LP5520 has an automatic fade in and out for the LED outputs. Fading makes the transitions smooth in on
and off switching or when brightness is changed. It is not applied for the changes caused by the compensation
algorithm. The fade can be turned on and off using the <en_fade> bit in the rgb_control (00H) register. The
fade time is constant 520 ms, and it does not depend on how big the brightness change is. The white balance is
maintained during fading. Fading is off in the stand-alone mode.
Table 4. Fade In and Fade Out With <en_fade> Bit
<en_fade>(bit 5)
0
Automatic fade disabled
1
Automatic fade enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com