Electronic Components Datasheet Search
  English  ▼

X  

LP5520 Datasheet(PDF) 26 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 22Page - Texas Instruments LP5520 Datasheet HTML 23Page - Texas Instruments LP5520 Datasheet HTML 24Page - Texas Instruments LP5520 Datasheet HTML 25Page - Texas Instruments LP5520 Datasheet HTML 26Page - Texas Instruments LP5520 Datasheet HTML 27Page - Texas Instruments LP5520 Datasheet HTML 28Page - Texas Instruments LP5520 Datasheet HTML 29Page - Texas Instruments LP5520 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
26
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table 11. EEPROM Memory Map (continued)
ADDRESS
BITS [7:4]
BITS [3:0]
DEFINITION
4a
GC0[7:0]
Coefficient PWM value for green
–40...–25
4b
GC1[7:0]
–24...–9
4c
GC2[7:0]
–8...+7
4d
GC3[7:0]
8...23
4e
GC4[7:0]
24..39
4f
GC5[7:0]
40...55
50
GC6[7:0]
56...71
51
GC7[7:0]
72...87
52
GC8[7:0]
88...103
53
GC9[7:0]
From 104
54
BC0[7:0]
Coefficient PWM value for blue
–40...–25
55
BC1[7:0]
–24...–9
56
BC2[7:0]
–8...+7
57
BC3[7:0]
8...23
58
BC4[7:0]
24..39
59
BC5[7:0]
40...55
5a
BC6[7:0]
56...71
5b
BC7[7:0]
72...87
5c
BC8[7:0]
88...103
5d
BC9[7:0]
From 104
5e
SHF[7:0]
Self-heating factor
5f
RED_CUR
Red LED current
60
GREEN_CUR
Green LED current
61
BLUE_CUR
Blue LED current
62
Not used
...
6f
70
LM20B[11:8]
LM20K[11:8]
Scaling values for LM20 sensor
71
BB9[11:8]
BB8[11:8]
Base PWM value for blue (high bits)
72
BB7[11:8]
BB6[11:8]
73
BB5[11:8]
BB4[11:8]
74
BB3[11:8]
BB2[11:8]
75
BB1[11:8]
BB0[11:8]
76
GB9[11:8]
GB8[11:8]
Base PWM value for green (high bits)
77
GB7[11:8]
GB6[11:8]
78
GB5[11:8]
GB4[11:8]
79
GB3[11:8]
GB2[11:8]
7a
GB1[11:8]
GB0[11:8]
7b
RB9[11:8]
RB8[11:8]
Base PWM value for red (high bits)
7c
RB7[11:8]
RB6[11:8]
7d
RB5[11:8]
RB4[11:8]
7e
RB3[11:8]
RB2[11:8]
7f
RB1[11:8]
RB0[11:8]
The EEPROM data can be read, written, and erased through the serial interface. The boost converter is used to
generate the write and erase voltage for the memory. All operations are done in page mode. The page address
has to be written in the EEPROM_control register before access to the EEPROM. Incremental access can be
used both in I2C and SPI modes to speed up access. During EEPROM access the <rgb_auto> control bit in rgb
control register must be low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com