Electronic Components Datasheet Search
  English  ▼

X  

MAX213CPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # MAX213CPWR
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX213CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button MAX213CPWR Datasheet HTML 3Page - Texas Instruments MAX213CPWR Datasheet HTML 4Page - Texas Instruments MAX213CPWR Datasheet HTML 5Page - Texas Instruments MAX213CPWR Datasheet HTML 6Page - Texas Instruments MAX213CPWR Datasheet HTML 7Page - Texas Instruments MAX213CPWR Datasheet HTML 8Page - Texas Instruments MAX213CPWR Datasheet HTML 9Page - Texas Instruments MAX213CPWR Datasheet HTML 10Page - Texas Instruments MAX213CPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
5 k
Ω
5.5 V
+
0.1 mF
5.5 V
EN
V–
+
–
0.1 mF
C1+
C1–
+
–
0.1 mF
C2+
C2–
400 k
Ω
DIN
DOUT
3 k
Ω
ROUT
RIN
D1−D4
R1−R5
GND
SHDN
5.5 V
+
–
0.1 mF
5.5 V
+
0.1 mF
V+
–
–
0-V or 5.5-V Drive
ISHDN
VCC
VCC
MAX213
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS680 – DECEMBER 2005
Figure 1. Shutdown Current Test Circuit
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com