Electronic Components Datasheet Search
  English  ▼

X  

MAX213CPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # MAX213CPWR
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX213CPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX213CPWR Datasheet HTML 4Page - Texas Instruments MAX213CPWR Datasheet HTML 5Page - Texas Instruments MAX213CPWR Datasheet HTML 6Page - Texas Instruments MAX213CPWR Datasheet HTML 7Page - Texas Instruments MAX213CPWR Datasheet HTML 8Page - Texas Instruments MAX213CPWR Datasheet HTML 9Page - Texas Instruments MAX213CPWR Datasheet HTML 10Page - Texas Instruments MAX213CPWR Datasheet HTML 11Page - Texas Instruments MAX213CPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
50
Ω
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
RS-232
Output
SR(tr) =
1.5 V
1.5 V
3 V
–3 V
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
CL
(see Note A)
Generator
(see Note B)
3 V
–3 V
tTHL(D) or tTLH(D)
6 V
tTHL(D)
tTLH(D)
RL
5-V
SHDN
VOH
VOL
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
50%
50%
1.5 V
1.5 V
50
Ω
RS-232
Output
Generator
(see Note B)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
CL
(see Note A)
tPLH(D)
RL
5-V
SHDN
VOH
VOL
tPHL(D)
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
Ω
–3 V
1.5 V
Output
Input
Output
5-V
EN
50%
50%
3 V
1.5 V
Generator
(see Note B)
CL
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
5-V
SHDN
tPHL(R)
tPLH(R)
VOH
VOL
MAX213
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS680 – DECEMBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 2. Driver Slew Rate
Figure 3. Driver Pulse Skew and Propagation Delay Times
Figure 4. Receiver Propagation Delay Times
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com