Electronic Components Datasheet Search
  English  ▼

X  

MCP810 Datasheet(PDF) 4 Page - Texas Instruments

Part # MCP810
Description  MCP809/MCP810 3-Pin Microprocessor Reset Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MCP810 Datasheet(HTML) 4 Page - Texas Instruments

  MCP810 Datasheet HTML 1Page - Texas Instruments MCP810 Datasheet HTML 2Page - Texas Instruments MCP810 Datasheet HTML 3Page - Texas Instruments MCP810 Datasheet HTML 4Page - Texas Instruments MCP810 Datasheet HTML 5Page - Texas Instruments MCP810 Datasheet HTML 6Page - Texas Instruments MCP810 Datasheet HTML 7Page - Texas Instruments MCP810 Datasheet HTML 8Page - Texas Instruments MCP810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MCP809, MCP810
SNVS165A – JUNE 2001 – REVISED MAY 2013
www.ti.com
Electrical Characteristics (continued)
VCC = full range, TA = −40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for
4.63/4.38/4.00 versions, VCC = 3.3V for 3.08/2.93 versions, and VCC = 3V for 2.63 version.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC = VTH min, ISINK = 1.2mA,
0.3
MCP809-2.63/2.93/3.08
RESET Output Voltage Low
VOL
VCC = VTH min, ISINK = 3.2mA,
0.4
V
(MCP809)
MCP809-4.63/4.38/4.00
VCC > 1.0V, ISINK = 50µA
0.3
VCC > VTH max, ISOURCE = 500µA,
0.8VCC
MCP809-2.63/2.93/3.08
RESET Output Voltage High
VOH
V
(MCP809)
VCC > VTH max, ISOURCE = 800µA,
VCC−1.5
MCP809-4.63/4.38/4.00
VCC = VTH max, ISINK = 1.2mA,
0.3
MCP810-2.63/2.93/3.08
RESET Output Voltage Low
VOL
V
(MCP810)
VCC = VTH max, ISINK = 3.2mA,
0.4
MCP810-4.63/4.38/4.00
VOH
RESET Output Voltage High
0.8VCC
V
1.8V < VCC < VTH min, ISOURCE = 150μA
(MCP810)
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: MCP809 MCP810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com