Electronic Components Datasheet Search
  English  ▼

X  

MCP810 Datasheet(PDF) 6 Page - Texas Instruments

Part # MCP810
Description  MCP809/MCP810 3-Pin Microprocessor Reset Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MCP810 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MCP810 Datasheet HTML 2Page - Texas Instruments MCP810 Datasheet HTML 3Page - Texas Instruments MCP810 Datasheet HTML 4Page - Texas Instruments MCP810 Datasheet HTML 5Page - Texas Instruments MCP810 Datasheet HTML 6Page - Texas Instruments MCP810 Datasheet HTML 7Page - Texas Instruments MCP810 Datasheet HTML 8Page - Texas Instruments MCP810 Datasheet HTML 9Page - Texas Instruments MCP810 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MCP809, MCP810
SNVS165A – JUNE 2001 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
Benefits of Precision Reset Thresholds
A microprocessor supply supervisor must provide a reset output within a predictable range of the supply voltage.
A common threshold range is between 5% and 10% below the nominal supply voltage. The 4.63V and 3.08V
options of the MCP809/810 use highly accurate circuitry to ensure that the reset threshold occurs only within this
range (for 5V and 3.3V supplies). The other voltage options have the same tight tolerance to ensure a reset
signal for other narrow monitor ranges. See Table 1 for examples of how the standard reset thresholds apply to
3V, 3.3V, and 5V nominal supply voltages.
Table 1. Reset Thresholds Related to Common Supply Voltages
Reset Threshold
3.0V
3.3V
5.0V
4.63 ± 3%
90 - 95%
4.38 ± 3%
85 - 90%
4.00 ± 3%
78 - 82%
3.08 ± 3%
90 - 95%
2.93 ± 3%
86 - 90%
2.63 ± 3%
85 - 90%
77 - 81%
Ensuring a Valid Reset Output Down to VCC = 0V
When VCC falls below 1V, the MCP809 RESET output no longer sinks current. A high-impedance CMOS logic
input connected to RESET can therefore drift to undetermined voltages. To prevent this situation, a 100k
Ω
resistor should be connected from the RESET output to ground, as shown in Figure 9.
A 100k
Ω pull-up resistor to VCC is also recommended for the MCP810, if RESET is required to remain valid for
VCC < 1V.
Figure 9. RESET Valid to VCC = Ground Circuit
Negative-Going VCC Transients
The MCP809/810 are relatively immune to short negative-going transients or glitches on VCC. Figure 10 shows
the maximum pulse width a negative-going VCC transient can have without causing a reset pulse. In general, as
the magnitude of the transient increases, going further below the threshold, the maximum allowable pulse width
decreases. Typically, for the 4.63V and 4.38V version of the MCP809/810, a VCC transient that goes 100mV
below the reset threshold and lasts 20µs or less will not cause a reset pulse. A 0.1 µF bypass capacitor mounted
as close as possible to the VCC pin will provide additional transient rejection.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: MCP809 MCP810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com