Electronic Components Datasheet Search
  English  ▼

X  

MPY100 Datasheet(PDF) 2 Page - Texas Instruments

Part # MPY100
Description  MULTIPLIER-DIVIDER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPY100 Datasheet(HTML) 2 Page - Texas Instruments

  MPY100 Datasheet HTML 1Page - Texas Instruments MPY100 Datasheet HTML 2Page - Texas Instruments MPY100 Datasheet HTML 3Page - Texas Instruments MPY100 Datasheet HTML 4Page - Texas Instruments MPY100 Datasheet HTML 5Page - Texas Instruments MPY100 Datasheet HTML 6Page - Texas Instruments MPY100 Datasheet HTML 7Page - Texas Instruments MPY100 Datasheet HTML 8Page - Texas Instruments MPY100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
MPY100
2
SPECIFICATIONS
At TA = +25°C and ±VS = 15VDC, unless otherwise specified.
MPY100A
MPY100B/C
MPY100S
(X
1 – X2)(Y1 –Y2)
10
+ Z
2
(X
1 – X2)
+ Y
1
10
+ Z
2
(X
1 – X2)
2
10(Z
2 – Z1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
MULTIPLIER PERFORMANCE
Transfer Function
*/*
*
Total Error
–10V
≤ X, Y ≤ 10V
Initial
T
A = +25°C
±2.0
±1.0/0.5
±0.5
% FSR
vs Temperature
–25
°C ≤ T
A ≤ +85°C
±0.017
±0.05
±0.008/0.008 ±0.02/0.02
% FSR/
°C
vs Temperature
–55
°C ≤ T
A ≤ +125°C
±0.025
±0.05
% FSR/
°C
vs Supply(1)
±0.05
*/*
*
% FSR/%
Individual Errors
Output Offset
Initial
T
A = +25°C
±50
±100
±10/7
±50/25
±7
±50
mV
vs Temperature
–25
°C ≤ T
A ≤ +85°C
±0.7
±2.0
±0.7/0.3
±2.0/±0.7
mV/
°C
vs Temperature
–55
°C ≤ T
A ≤ +125°C
±0.3
±0.7
mV/
°C
vs Supply(1)
±0.25
*/*
*
mV/%
Scale Factor Error
Initial
T
A = +25°C
±0.12
*/*
*
% FSR
vs Temperature
–25
°C ≤ T
A ≤ +85°C
±0.008
*/*
% FSR/
°C
vs Temperature
–55
°C ≤ T
A ≤ +125°C
±0.008
% FSR/
°C
vs Supply(1)
±0.05
*/*
*
% FSR %
Nonlinearity
X Input
X = 20Vp-p; Y =
±10VDC
±0.08
*/*
*
% FSR
Y Input
Y = 20Vp-p: X =
±10VDC
±0.08
*/*
*
% FSR
Feedthrough
f = 50Hz
X Input
X = 20Vp-p; Y = 0
100
30/30
30
mVp-p
Y Input
Y = 20Vp-p; X = 0
6
*/*
*
mVp-p
vs Temperature
–25
°C ≤ T
A ≤ +85°C
0.1
*/*
mVp-p/
°C
vs Temperature
–55
°C ≤ T
A ≤ 125°C
0.1
mVp-p/
°C
vs Supply(1)
0.15
*/*
*
mVp-p/%
DIVIDER PERFORMANCE
Transfer Function
X
1 > X2
*/*
*
Total Error (with
X = 10V
external adjustments)
–10V
≤ Z ≤ +10V
±1.5
±0.75/0.35
±0.35
% FSR
X = 1V
–1V
≤ Z ≤ +1V
±4.0
±2.0/1.0
±1.0
% FSR
+0.2V
≤ X ≤ +10V
–10V
≤ Z ≤ +10V
±5.0
±2.5/1.0
±1.0
% FSR
SQUARER PERFORMANCE
Transfer Function
*/*
*
Total Error
–10V
≤ X ≤ +10V
±1.2
±0.6/0.3
±0.3
% FSR
SQUARE ROOTER PERFORMANCE
Transfer Function
Z
1 < Z2
+
√10(Z
2 – Z1) + X2
*/*
*
Total Error
1V
≤ Z ≤ 10V
±2
±1/0.5
±0.5
% FSR
AC PERFORMANCE
Small-Signal Bandwidth
550
*/*
*
kHz
% Amplitude Error
Small-Signal
70
*/*
*
kHz
% (0.57
°) Vector Error
Small-Signal
5
*/*
*
kHz
Full Power Bandwidth
|V
O| = 10V, RL = 2kΩ
320
*/*
*
kHz
Slew Rate
|V
O| = 10V, RL = 2kΩ
20
*/*
*
V/
µs
Settling Time
ε = ±1%, ∆V
O = 20V
2
*/*
*
µs
Overload Recovery
50% Output Overload
0.2
*/*
*
µs
INPUT CHARACTERISTICS
Input Voltage Range
Rated Operation
±10
*/*
*
V
Absolute Maximum
±V
CC
*/*
*
V
Input Resistance
X, Y, Z(2)
10
*/*
*
M
Ω
Input Bias Current
X, Y, Z
1.4
*/*
*
µA
OUTPUT CHARACTERISTICS
Rated Output
Voltage
I
O = ±5mA
±10
*/*
*
V
Current
V
O = ±10V
±5
*/*
*
mA
Output Resistance
f = DC
1.5
*/*
*
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com