Electronic Components Datasheet Search
  English  ▼

X  

MPY100 Datasheet(PDF) 12 Page - Texas Instruments

Part # MPY100
Description  MULTIPLIER-DIVIDER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPY100 Datasheet(HTML) 12 Page - Texas Instruments

Back Button MPY100 Datasheet HTML 8Page - Texas Instruments MPY100 Datasheet HTML 9Page - Texas Instruments MPY100 Datasheet HTML 10Page - Texas Instruments MPY100 Datasheet HTML 11Page - Texas Instruments MPY100 Datasheet HTML 12Page - Texas Instruments MPY100 Datasheet HTML 13Page - Texas Instruments MPY100 Datasheet HTML 14Page - Texas Instruments MPY100 Datasheet HTML 15Page - Texas Instruments MPY100 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
®
MPY100
12
FIGURE 14. Sine Function Generator
MPY100
Y
2
Y
1
X
2
X
1
Z
1
Z
2
Out
V
O = 10 sin 9V1
10k
Ω
5.715k
Ω
MPY100
Y
2
Y
1
X
2
X
1
Z
1
Z
2
Out
V
1
71.548k
Ω
23.165k
Ω
10k
Ω
(–10V
≤ V
1 ≤ +10V, and 1V = 9°)
FIGURE 15. Single-Phase Instantaneous and Real Power
Measurement.
Y
X
XY
10
Instantaneous
Power
Real Power
(
∝γ/10)(E
irmsILrms cos
)
∝ =R
5/(R4 +R5)
γ =(–R
1R3)/R2
R
2
R
1
Load
R
4
e
i
e
i(t) =
2 E
irms Sin ωt
i
L(t) =
2 I
Lrms Sin (ωt +
)
I
L
∝e
i
γi
L
R
5
R
3
θ
θ
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com