Electronic Components Datasheet Search
  English  ▼

X  

0804347 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804347
Description  LS-EMLP (180X180) SR - Device marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804347 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804347 Datasheet HTML 1Page - PHOENIX CONTACT 0804347 Datasheet HTML 2Page - PHOENIX CONTACT 0804347 Datasheet HTML 3Page - PHOENIX CONTACT 0804347 Datasheet HTML 4Page - PHOENIX CONTACT 0804347 Datasheet HTML 5Page - PHOENIX CONTACT 0804347 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device marker, Sheet, silver, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK
LASER, mounting type: adhesive, Number of individual labels: 1, text field height: 180 mm, text
field width: 180 mm
Your advantages
Stick-on device marking
•
Individually configurable equipment marking in proven laser sheet format for optimum positioning in the marking device
•
High contrast due to the silver top layer with black marking
•
Commercial data
Item number
0804347
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG19
Product key
BG241D
GTIN
4055626306063
Weight per piece (including packing)
39.33 g
Weight per piece (excluding packing)
39.33 g
Customs tariff number
39203000
Country of origin
DE
LS-EMLP (180X180) SR - Device marker
0804347
https://www.phoenixcontact.com/us/products/0804347
Jul 1, 2025, 5:53AM
Page 1 (6)


Similar Part No. - 0804347

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804303 PHOENIX-0804303 Datasheet
80Kb / 3P
SK 5,08/3,8: 0-9
0804303 PHOENIX-0804303 Datasheet
144Kb / 6P
MKDS 3/ 4-5,08
0804303 PHOENIX-0804303 Datasheet
147Kb / 6P
MK3DS 3/ 2-5,08
0804303 PHOENIX-0804303 Datasheet
149Kb / 6P
MK3DS 3/ 3-5,08
0804303 PHOENIX-0804303 Datasheet
136Kb / 5P
MFKDSP/ 4-5,08
More results

Similar Description - 0804347

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801729 PHOENIX-0801729 Datasheet
47Kb / 3P
Plastic label - EMLP (60X30)R SR
0825471 PHOENIX-0825471 Datasheet
72Kb / 3P
UC-EMLP (27X12,5) SR
0828097 PHOENIX-0828097 Datasheet
48Kb / 3P
Plastic label - UC-EMLP (20X8) SR
0830508 PHOENIX-0830508 Datasheet
51Kb / 2P
Device marker - EMLP-AL (27X15)
0830509 PHOENIX-0830509 Datasheet
46Kb / 3P
Device marker - EMLP-AL (27X18)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830512 PHOENIX-0830512 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X15)
0830513 PHOENIX-0830513 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X30)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
0830515 PHOENIX-0830515 Datasheet
52Kb / 2P
Device marker - EMLP-AL (100X60)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com