Electronic Components Datasheet Search
  English  ▼

X  

0804347 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804347
Description  LS-EMLP (180X180) SR - Device marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804347 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804347 Datasheet HTML 1Page - PHOENIX CONTACT 0804347 Datasheet HTML 2Page - PHOENIX CONTACT 0804347 Datasheet HTML 3Page - PHOENIX CONTACT 0804347 Datasheet HTML 4Page - PHOENIX CONTACT 0804347 Datasheet HTML 5Page - PHOENIX CONTACT 0804347 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Device marking
Type
Laser sheet
Marking
Number of individual labels
1
Identification technology
Direct laser marking
Mounting
Mounting type
adhesive
Material specifications
Foil strength
800 µm
Adhesive strength
50 µm
Adhesive
Acrylic
Color
silver
Material
ABS
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
DIN EN ISO 4892-2:2021-11 (following)
Result
Test passed
Test duration
96 h
Temperature resistance
Specification
ANSI/UL 969-2018:03 (following)
Test duration
240 h
LS-EMLP (180X180) SR - Device marker
0804347
https://www.phoenixcontact.com/us/products/0804347
Jul 1, 2025, 5:53AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com