Electronic Components Datasheet Search
  English  ▼

X  

301 Datasheet(PDF) 3 Page - PANAVISE PRODUCTS, INC.

Part # 301
Description  Precision Vise Combinations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

301 Datasheet(HTML) 3 Page - PANAVISE PRODUCTS, INC.

  301 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 2Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 3Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 4Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 5Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 6Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 7Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 8Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Multi-Purpose Work Center Model 350
The MULTI-PURPOSE work holding tool for larger, heavier
objects. It’s perfect for home repair or hobby needs!
Model 350 Features:
> Self-centering, extra-wide opening jaws open a full 9” (228.6mm) and hold heavier
objects by centering weight over base
> Parts Tray Base Mount adds stability [8.5” (215.9mm) diameter] and has six individual
trays to neatly hold small parts and tools. Includes six non-marring, anti-skid pads
> Ribbed, neoprene jaw pads are 1.875” (47.6mm) high x 1.5” (38.1mm) wide and
provide a sure grip; reverse the pads and the wide “V” holds cylindrical objects
> Single knob controls head movement through 3-planes:
90° Tilt, 360° Turn & 360° Rotation
> “Double-action” jaws open/close quickly. Can be reversed to provide ‘zero’ closure
> Base accepts all 300 series Heads and any 5/8” (15.9mm) diameter shaft
> Height: 7.875” (200mm), Weight: 5.0 lbs. (2.3kg)
Precision Vise Combinations
We’ve selected some of our more specialized Heads, Bases and even a Base Mount to create two unique Vise combinations. These
specialty tools are ready for a lifetime of service, plus they’re compatible with all 300 series interchangeable components (chart page 9),
and include the patented “split-ball” which allows a Head to be positioned through 3-planes: 90˚ Tilt, 360˚ Turn & 360˚ Rotation.
8
+1.800.759.7535
www.panavise.com
Model 396 Features:
> Wide opening jaws open a generous 6” (152.4mm)
> Ribbed, neoprene jaw pads are 1.875” (47.6mm) high x 1.5” (38.1mm) wide and
provide a sure grip to hold and insulate PC boards and other larger objects; reverse
the pads and the wide “V” holds delicate cylindrical objects
> Single knob controls head movement through 3-planes:
90° Tilt, 360° Turn & 360° Rotation
> Base accepts all 300 series Heads and any 5/8” (15.9mm) diameter shaft
> Base features 4.3125” (109.5mm) bolt circle countersunk for three 1/4” (6.3mm)
flathead screws (not included)
> Height: 7.3125” (185.7mm), Weight: 3.0 lbs. (1.4kg)
Wide Opening Head PanaVise Model 396
The work holding tool with EXPANDED
capabilities, perfect for holding larger objects!



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com