Electronic Components Datasheet Search
  English  ▼

X  

301 Datasheet(PDF) 5 Page - PANAVISE PRODUCTS, INC.

Part # 301
Description  Precision Vise Combinations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

301 Datasheet(HTML) 5 Page - PANAVISE PRODUCTS, INC.

  301 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 2Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 3Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 4Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 5Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 6Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 7Page - PANAVISE PRODUCTS, INC. 301 Datasheet HTML 8Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PV Jr. Head Model 203
Our most popular Vise Head for arts and crafts,
model making, electronics and other small projects!
Model 203 Features:
> We’ve adapted the PV Jr. Head to fit all 300 series Bases
> Fine/coarse adjusting knob controls jaw pressure
> Jaws feature horizontal grooves perfect for holding small tubes, rods, or small circuit
boards firmly in place and are made of reinforced thermal composite plastic
[continuous heat tolerance to 350°F (177°C), intermittent heat up to 450°F (204°C)]
> Neoprene Jaw Pads (page 22) are available for holding delicate items
> Jaws are 2” (50.8mm) tall, 1” (25.4mm) wide and open to 2.875” (73mm)
> Height: 3.75” (95.2mm), Weight: 0.4 lbs. (0.2kg)
Vise Heads
A new Head will add extra versatility and productivity to your existing Vise, or start here to build your own custom combination!
All shafts are 5/8” (15.9mm) in diameter and are compatible with the 300 Standard Base, the 305 Low-Profile Base, and the
380 Vacuum Base (page 13). All of our Vise Heads offer a lifetime of trouble-free service!
Model 303 Features:
> Jaws are 2.5” (63.5mm) wide, 0.5” (12.6mm) tall and open to 2.25” (57.1mm)
> Nylon jaws offer excellent electrical insulation and gentle holding power
[continuous heat tolerance up to 200°F (93°C), intermittent heat to 300°F (149°C)]
> Additional jaws are available for this Head (page 22)
> Throat depth: 1.375” (34.9mm)
> Height: 4.25” (108.0mm), Weight: 1.5 lbs. (0.7kg)
Standard Head Model 303
Our best selling general purpose Vise Head for hobbies,
electronics and small home repairs!
10
+1.800.759.7535
www.panavise.com
Wire Manager Model 358
Keep your wire leads and tools organized! Slides onto 366 Wide Opening Head and 376 Extra-
Wide Opening Head (page 11). See page 23 for full specifications.
You might consider adding...



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com